データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM25LS2520DC

  • AI
    The **AM25LS2520DC** is a specialized integrated circuit (IC) belonging to the Advanced Low-Power Schottky (LS) TTL family. It is primarily defined as an **Eight-Bit Register with Three-State Outputs**. Historically manufactured by Advanced Micro Devices (AMD), this part was widely used in microprogramming and data routing applications due to its high speed and efficient bus-interfacing capabilities. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Family** | AM25LS (Advanced Low-Power Schottky) | | **Function** | 8-Bit Register (D-Type Flip-Flops) | | **Output Type** | 3-State (High, Low, High-Impedance) | | **Package Type** | Ceramic DIP (Dual In-line Package) - "DC" suffix | | **Bit Width** | 8-Bit | | **Supply Voltage ($V_{CC}$)** | 4.75V to 5.25V | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | --- ### 2. Functional Description The AM25LS2520 consists of eight D-type flip-flops with a common clock (CP) and a common clear (CLR) input. #### Core Features: * **Edge-Triggered:** Data is loaded into the register on the positive-going transition of the clock. * **Three-State Outputs:** These allow the device to be connected directly to bus-organized systems. When the Output Enable ($\overline{OE}$) is high, the outputs are in a high-impedance state, effectively disconnecting the IC from the bus. * **Schottky Process:** The "LS" designation indicates a balance between high-speed switching and low power consumption. --- ### 3. Pin Configuration Overview While specific pin mapping depends on the 22 or 24-pin layout (standard for this series), the functional pins include: | Pin Type | Name | Description | | :--- | :--- | :--- | | **Inputs** | $D_0 - D_7$ | 8-bit Data Inputs | | **Outputs** | $Q_0 - Q_7$ | 8-bit Registered Outputs | | **Control** | $\overline{OE}$ | Output Enable (Active Low) | | **Control** | $CP$ | Clock Pulse (Positive Edge) | | **Control** | $\overline{CLR}$ | Clear (Asynchronous Reset, Active Low) | --- ### 4. Application Logic Example In a digital system, the chip acts as a "buffer" or "mailbox" for data moving between a processor and a data bus. ```c // Conceptual Logic (Not specific code) IF (Positive_Edge_Clock) THEN Internal_Register = Data_Inputs; END IF IF (Output_Enable == LOW) THEN Bus = Internal_Register; ELSE Bus = HIGH_IMPEDANCE; END IF ``` --- ### 5. Historical Context & Replacements The **AM25LS2520DC** is now largely considered a legacy component. In modern designs, these functions are typically integrated into FPGAs or CPLDs. However, for repairs or vintage computing projects, it can often be cross-referenced with: * **74LS2520** (Standard TTL equivalent) * **SN74LS2520** (Texas Instruments version)
    ✨ Follow-up Questions
    • ⤷ What are the timing requirements for the clock pulse and data setup in the AM25LS series?
    • ⤷ How does the 'DC' suffix differ from the 'PC' suffix in terms of physical construction?
    • ⤷ Can this IC be used in a 3.3V logic system without level shifters?