データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM25LS2520PCB

  • AI
    The **AM25LS2520** is a high-performance integrated circuit (IC) primarily used as an **8-bit Three-State Instruction Register** (or Octal D-Type Latch/Flip-Flop). Manufactured originally by Advanced Micro Devices (AMD), it belongs to the Low-Power Schottky (LS) TTL family. Below is a detailed breakdown of its electronic components and PCB-related specifications. --- ### 1. Functional Components The AM25LS2520 is designed for high-speed buffering and data storage within a processor or bus-oriented system. | Feature | Description | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Data Width** | 8-bit (Octal) | | **Storage Type** | Edge-triggered D-type Flip-Flops | | **Output State** | 3-State (High, Low, High-Impedance) | | **Clear Function** | Asynchronous Clear (resets all outputs to Low) | --- ### 2. Pin Configuration & Hardware Interface When designing a PCB for the AM25LS2520, understanding the pinout is critical for routing: * **Inputs (D0–D7):** Receive the 8-bit data bus signals. * **Outputs (Y0–Y7):** The stored data is sent here when the Output Enable is active. * **Clock (CP):** Data is loaded on the rising edge of the clock signal. * **Output Enable ($\overline{OE}$):** Controls the 3-state outputs. When HIGH, the outputs are in high-impedance (disconnected) mode. * **Clear ($\overline{CLR}$):** Resets the internal registers regardless of the clock signal. --- ### 3. PCB Layout Considerations If you are integrating this part onto a Printed Circuit Board, keep the following technical parameters in mind: #### Electrical Specifications ```cpp // Typical Operating Parameters Voltage_VCC: 4.75V to 5.25V (5V Standard) Logic_Low_Input: 0.8V (Max) Logic_High_Input: 2.0V (Min) Propagation_Delay: ~10ns to 15ns Power_Consumption: Low (LS series characteristic) ``` #### Routing and Decoupling 1. **Decoupling Capacitors:** Place a **0.1µF ceramic capacitor** as close as possible to the $V_{CC}$ pin (Pin 24/22 depending on package) and GND to filter high-frequency switching noise. 2. **Termination:** Since this is a TTL device, long traces on the PCB may require series termination resistors (typically 33Ω - 47Ω) to prevent signal ringing/reflections. 3. **Package Types:** * **DIP (Dual In-line Package):** For through-hole soldering. * **SOIC (Small Outline IC):** For surface-mount (SMD) technology. --- ### 4. Common Applications * **Instruction Registers:** Storing Op-codes in CPU architectures. * **Bus Buffering:** Managing data flow between a microprocessor and memory. * **I/O Porting:** Temporary storage for peripheral data.
    ✨ Follow-up Questions
    • ⤷ What are the specific propagation delay differences between the AM25LS2520 and standard 74LS series latches?
    • ⤷ Can you provide a schematic symbol pinout for the 22-pin DIP version?
    • ⤷ How does the 'High-Impedance' state specifically assist in multi-master bus systems?