データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM25LS2520XC

  • AI
    ## AM25LS2520XC: Technical Overview The **AM25LS2520XC** is a legacy high-performance integrated circuit (IC) originally manufactured by **Advanced Micro Devices (AMD)**. It belongs to the **25LS family**, which utilizes Low-Power Schottky (LS) TTL technology, specifically designed for high-speed register applications in computer architectures. --- ### 1. Key Functionality The AM25LS2520XC is an **8-Bit Multimode Register**. It acts as a storage element for 8 bits of data, but with enhanced control features compared to standard D-type flip-flops. **Core roles include:** * **Data Buffering:** Holding information between different stages of a processor. * **Bus Interfacing:** Connecting internal CPU components to data buses. * **Pipeline Storage:** Facilitating synchronized data movement in clocked systems. --- ### 2. Technical Specifications Below are the typical electrical and physical characteristics for this specific part: | Characteristic | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Bit Width** | 8-Bit (Octal) | | **Package Type** | 28-Pin Plastic Leaded Chip Carrier (PLCC) or DIP (indicated by "C") | | **Voltage Supply ($V_{CC}$)** | 4.75V to 5.25V (Standard 5V TTL) | | **Temperature Range** | 0°C to +70°C (Commercial Grade "C") | | **Output Type** | 3-State (Tri-state) | | **Propagation Delay** | Typically 15ns - 20ns | --- ### 3. Pin Architecture & Logic Features The "2520" variant is notable for its specific control inputs that allow for versatile data management: * **Three-State Outputs:** The device features high-impedance (Hi-Z) states, allowing multiple registers to be connected to the same bus without causing electrical contention. * **Clear and Preset:** It typically includes asynchronous inputs to reset the register to all zeros or set them to all ones regardless of the clock. * **Clock Enable ($CE$):** Allows the register to ignore clock pulses, effectively "freezing" the data stored inside. * **Read/Write Control:** Integrated logic to manage when data is latched from the input pins and when it is driven onto the output pins. --- ### 4. Part Number Breakdown Understanding the suffix and prefix helps in identifying the exact variant: 1. **AM:** Advanced Micro Devices (Original Manufacturer). 2. **25LS:** Family designation (Low-Power Schottky with specific proprietary enhancements). 3. **2520:** The functional logic design (8-bit register with specific control gates). 4. **X:** Often denotes a specific screening level or packing (e.g., Burn-in or Tape & Reel). 5. **C:** Commercial temperature range ($0^\circ C$ to $70^\circ C$). --- ### 5. Current Status The AM25LS2520XC is considered an **Obsolete/Legacy** component. It is no longer used in modern electronics design but is frequently sought after for: * Maintenance of legacy industrial control systems. * Repair of 1980s/90s era computing hardware and arcade boards. * Aerospace and defense systems that require exact drop-in replacements for certified designs.
    ✨ Follow-up Questions
    • ⤷ What are the modern functional equivalents to the AM25LS2520XC?
    • ⤷ Can you explain the difference between the 'LS' and 'HC' logic families in this context?
    • ⤷ How does the 3-state output functionality work in a bus-organized system?