データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM26LS33AMFKB

  • AI
    ### Overview of AM26LS33AMFKB The **AM26LS33AMFKB** is a high-performance, differential line receiver designed for data communication over long distances in noisy environments. It is a military-grade component, typically housed in a Leadless Chip Carrier (LCC) package, and adheres to EIA Standards RS-422 and RS-423. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Device Type** | Quadruple Differential Line Receiver | | **Logic Family** | LS (Low-power Schottky) | | **Supply Voltage ($V_{CC}$)** | 4.75V to 5.25V | | **Input Sensitivity** | $\pm$ 200 mV (Typical) | | **Input Hysteresis** | 50 mV (Typical) | | **Output Type** | 3-State (High Impedance) | | **Operating Temperature** | -55°C to 125°C (Military Grade) | | **Package** | FK (LCC - Leadless Chip Carrier) | --- ### Functional Blocks and Features #### 1. Differential Inputs The device features four independent receiver channels. It converts small differential signals (the difference between $A$ and $B$ inputs) into standard TTL/LS logic levels. This is critical for rejecting "Common Mode Noise" that affects both wires in a twisted pair equally. #### 2. Three-State Outputs The outputs are "3-state" (High, Low, or High-Impedance). This allows multiple devices to be connected to a single bus line without interference, as the receiver can be electronically disconnected from the bus using the **Enable** pins. #### 3. Fail-Safe Operation The AM26LS33 includes an internal circuit that ensures the output remains in a known **High** state if the inputs are left open (floating). --- ### Pin Configuration Logic While the physical pinout depends on the 20-pin LCC package, the functional breakdown is as follows: * **$A, B$ Inputs:** Differential input pairs for each of the 4 channels. * **$Y$ Outputs:** The TTL-compatible outputs for each channel. * **$G, \bar{G}$:** Active-high and active-low enable pins (common to all four receivers). * **$V_{CC} / GND$:** Power supply (5V) and Ground. --- ### Comparison: AM26LS32 vs. AM26LS33 The AM26LS33 is a variation of the more common AM26LS32. The primary difference lies in the input characteristics: 1. **AM26LS32:** Standard differential receiver with $\pm$ 200mV sensitivity. 2. **AM26LS33:** Specifically designed with a higher input common-mode range and different input impedance characteristics, often used in environments where the ground potential between the transmitter and receiver may vary significantly. --- ### Application Example (Pseudo-Code Interface) When interfacing this hardware with a microcontroller or FPGA, the logic behaves as follows: ```cpp // Logic representation of Receiver Channel 1 bool get_logic_state(float inputA, float inputB, bool enable) { if (!enable) return HIGH_IMPEDANCE; float diff = inputA - inputB; if (diff > 0.2) return HIGH; // Logic 1 if (diff < -0.2) return LOW; // Logic 0 return PREVIOUS_STATE; // Within Hysteresis range } ```
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of the LCC package used in the AM26LS33AMFKB?
    • ⤷ How does the input hysteresis improve signal integrity in this chip?
    • ⤷ Can the AM26LS33AMFKB be used in RS-485 applications?