データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM29BDD160GB28DPBI

  • AI
    The **AM29BDD160GB28DPBI** is a high-performance, specialized Flash memory integrated circuit originally manufactured by Spansion (now part of Cypress/Infineon). It belongs to the **AM29BDD** family, which is specifically designed for high-speed burst-mode operations, commonly used in automotive and industrial embedded systems. --- ## 1. Technical Specifications The following table summarizes the core electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 16 Megabits (1M x 16-bit or 2M x 8-bit) | | **Technology** | CMOS Flash, NOR Architecture | | **Supply Voltage (Vcc)** | 2.5V to 2.75V (Low Voltage) | | **Access Time (Random)** | 80 ns | | **Burst Frequency** | Up to 66 MHz | | **Package Type** | 80-ball Fine-pitch Ball Grid Array (FBGA) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Electronic Features ### A. Burst Mode Operation Unlike standard asynchronous Flash, this part supports **Synchronous Burst Mode**. This allows the system to fetch data at high speeds (up to 66 MHz) after the initial access time, significantly increasing the data throughput for high-performance microcontrollers. ### B. Dual Bank Architecture (Read-While-Write) The chip is divided into two banks. This allows the system to: * **Read** data from one bank. * **Program or Erase** data in the other bank simultaneously. This eliminates the latency typically associated with waiting for a write cycle to complete. ### C. Boot Block Architecture The memory contains specific "Boot Blocks" (typically at the top or bottom of the memory map) that can be hardware-protected. This ensures that the critical bootloader code is not accidentally overwritten or corrupted during power failures. --- ## 3. Decoding the Part Number To understand the specific configuration of this component, we can break down the suffix: | Segment | Meaning | | :--- | :--- | | **AM29BDD160G** | Series and Density (16 Mbit) | | **B** | Boot Block Configuration (Bottom Boot) | | **28** | Voltage and Speed Grade | | **D** | Package Designator (FBGA) | | **P** | Temperature Range (Industrial) | | **B** | Material (Lead-free/Halogen-free) | | **I** | Packing Type (Internal Code) | --- ## 4. Typical Application Circuit In an electronic design, this chip is interfaced with a CPU via a multiplexed or non-multiplexed address/data bus. Below is a conceptual representation of the pin groupings: ```text [ Power Pins ] --- Vcc (2.6V), Vss (GND), Vio (I/O Voltage) [ Control Pins ] --- CE# (Chip Enable), OE# (Output Enable), WE# (Write Enable) [ Clock Pins ] --- CLK (Synchronous Clock for Burst Mode) [ Interface ] --- DQ0-DQ15 (Data I/O), A0-A19 (Address Lines) [ Feedback ] --- WAIT (Signal to CPU that data is ready) ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between NOR and NAND flash in automotive applications?
    • ⤷ How does the 'Read-While-Write' feature improve system performance?
    • ⤷ What are the common replacement parts for the discontinued AM29BDD series?