データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM29BDD160GB28DPBK

  • AI
    The **AM29BDD160GB28DPBK** is a specific integrated circuit belonging to the Flash Memory family, originally developed by Spansion (now part of Infineon/Cypress). It is a High-Performance, Burst Mode Flash memory device typically used in automotive and embedded systems. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Memory Size** | 16 Megabit (16 Mb) | | **Organization** | 1.0 Megabyte x 16-bit (Word Mode) | | **Memory Type** | NOR Flash | | **Interface** | Parallel (Burst Mode Support) | | **Voltage Supply** | 2.5V to 2.9V (Core) / 1.8V to 2.9V (I/O) | | **Access Time** | ~80ns (Random), ~20ns (Burst) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Package** | FBGA (Fine-pitch Ball Grid Array) | --- ### 2. Functional Characteristics * **Burst Mode Operation:** Unlike standard asynchronous Flash, this chip supports synchronous burst reads. This allows the system to fetch data at much higher speeds after the initial access, which is critical for high-performance microcontrollers (e.g., Bosch or ST automotive ECUs). * **Simultaneous Read/Write:** This architecture allows the system to read from one bank while programming or erasing in another bank, significantly reducing software latency. * **Boot Block Architecture:** It features specialized "Top" or "Bottom" boot blocks, which are hardware-protected sectors intended to store the critical startup code (BIOS/Bootloader) of a system. * **Data Preservation:** Designed for high reliability with a 20-year data retention rating and high endurance (100,000 program/erase cycles). --- ### 3. Part Number Decoder (Breakdown) Understanding the nomenclature helps identify the exact variant: | Prefix/Code | Meaning | | :--- | :--- | | **AM29BDD** | Family: 2.5V-only, Burst Mode, Dual Bank | | **160G** | Density: 16 Megabits | | **B** | Boot Block: Bottom Boot configuration | | **28** | Speed: 80ns Random Access / 28MHz Burst Frequency | | **DP** | Package: FBGA (Fortified Ball Grid Array) | | **BK** | Temperature/Process: Extended Automotive Grade | --- ### 4. Typical Applications The AM29BDD series is most commonly found in: 1. **Automotive Engine Control Units (ECUs):** For storing fuel injection maps and engine timing data. 2. **Transmission Control Modules:** Where high-speed data retrieval is necessary for real-time gear shifting. 3. **Industrial Embedded Controllers:** In environments where extreme temperatures and vibrations are present.
    ✨ Follow-up Questions
    • ⤷ What are the differences between NOR and NAND Flash in automotive applications?
    • ⤷ How does the 'Simultaneous Read/Write' feature improve system performance?
    • ⤷ What are the common replacement or equivalent parts for the AM29BDD series?