データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM29F080B-150SCB

  • AI
    ## Technical Overview of AM29F080B-150SCB The **AM29F080B-150SCB** is a high-performance, 8-Megabit (1 Megabyte) Flash memory chip originally manufactured by AMD (now part of Cypress/Infineon). It is designed to be programmed and erased in-system using a standard 5.0-volt VCC supply. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 8 Megabits (1,048,576 bytes x 8-bit) | | **Access Time** | 150 nanoseconds (ns) | | **Voltage Supply** | 5.0V ± 10% | | **Package Type** | SOIC (Small Outline Integrated Circuit) | | **Temperature Range** | Commercial (0°C to +70°C) | | **Write/Erase Cycles** | 1,000,000 cycles (typical) | | **Data Retention** | 20 Years | --- ### 2. Core Functional Features * **Single Supply Operation:** Unlike older Flash chips that required 12V for programming, this chip handles all internal functions (program, erase, read) using only a single 5.0V rail. * **Sector Architecture:** The memory is divided into **16 sectors** (64 Kbytes each). This allows for flexible code and data storage, as individual sectors can be erased without affecting others. * **Embedded Algorithms:** The chip features an internal state machine that automatically times program and erase operations, significantly reducing the overhead on the host CPU. * **Hardware Sector Protection:** Users can lock specific sectors to prevent accidental data overwrites or erasure. * **Low Power Consumption:** * 20 mA typical active read current. * 30 mA typical program/erase current. * 1 µA typical standby current. --- ### 3. Pinout and Control Signals Commonly found in a 44-pin SO package, the primary control pins include: * **CE# (Chip Enable):** Activates the device when low. * **OE# (Output Enable):** Gates the data from the output pins during a read cycle. * **WE# (Write Enable):** Used to send commands to the internal Command User Interface (CUI). * **RY/BY# (Ready/Busy):** An output signal that indicates whether an internal program or erase operation is complete. --- ### 4. Typical Applications 1. **Legacy Computing:** Used in older PC BIOS chips and peripheral cards. 2. **Embedded Systems:** Storing firmware for industrial controllers. 3. **Automotive:** Storing engine maps or calibration data in older ECUs. 4. **Gaming:** Found in retro game cartridges and arcade system boards.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 'SC' and 'EC' suffixes in this part number?
    • ⤷ Can this chip be programmed using a modern TL866II Plus programmer?
    • ⤷ How does the sector erase operation differ from a full chip erase?