データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM2D-0505D-RZ

  • AI
    ## Overview of AM2D-0505D-RZ The **AM2D-0505D-RZ** is a high-performance, miniature DC-DC converter manufactured by **Aimtec**. It belongs to a series of 2-watt unregulated power modules designed for applications requiring isolated voltages in a compact SIP7 package. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Nominal) | | **Output Voltage** | ±5V DC (Dual Output) | | **Output Current** | ±200mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~75% to 80% | | **Package Type** | SIP7 (Single In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Electronic Architecture & Components The internal design of this module follows a standard **push-pull or Royer oscillator** topology to achieve DC-DC conversion without the need for complex external controllers. #### Internal Sub-systems: * **Input Filter:** Typically consists of a small ceramic capacitor to reduce reflected ripple current back to the main power rail. * **Oscillator Circuit:** Converts the 5V DC input into a high-frequency AC signal. * **Isolation Transformer:** A miniature ferrite-core transformer that provides the 1000VDC galvanic isolation between the input and the dual outputs. * **Rectification & Smoothing:** Fast-switching diodes convert the AC back to DC, followed by output capacitors to stabilize the ±5V rails. --- ### 3. Pin Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | +V Input | Positive Supply Input (+5V) | | **2** | -V Input | Negative Supply Input (Ground) | | **4** | -V Output | Negative DC Output (-5V) | | **5** | Common | Output Common (0V Reference) | | **6** | +V Output | Positive DC Output (+5V) | --- ### 4. Application Use Cases This part is primarily used in circuits where the digital ground must be separated from the analog ground to prevent noise interference. 1. **RS-232/RS-485 Isolation:** Providing isolated power for communication transceivers. 2. **Operational Amplifiers:** The dual output (±5V) is ideal for powering bipolar op-amps from a single 5V logic rail. 3. **Sensor Interfaces:** Isolating sensitive analog sensors from noisy digital microcontrollers. 4. **Data Acquisition:** Reducing ground loop currents in precision measuring equipment. --- ### 5. Implementation Notes * **Unregulated Nature:** Since this is an unregulated converter, the output voltage will vary slightly depending on the load. It is recommended to maintain at least a 10% load for stability. * **External Filtering:** To meet stricter EMI standards, adding an external **LC filter** (Inductor and Capacitor) on the input and output is highly recommended.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RZ' suffix and other variants in this series?
    • ⤷ How much external capacitance is recommended to reduce output ripple?
    • ⤷ Can this module be used to create a 10V single output instead of dual 5V?