データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM2D-0515D-RZ

  • AI
    The **AM2D-0515D-RZ** is a high-performance, 2-Watt DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in compact electronic circuits. --- ## 1. Core Specifications The part number itself defines its primary characteristics. Here is the technical breakdown: | Parameter | Specification | |:--- |:--- | | **Input Voltage** | 5V DC (Range: 4.5V – 5.5V) | | **Output Voltage** | ±15V DC (Dual Output) | | **Output Current** | ±67mA | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Package Type** | DIP14 (Dual In-line Package) | | **Efficiency** | ~80% Typical | --- ## 2. Key Features * **Dual Output:** It provides both a positive (+15V) and negative (-15V) rail, which is essential for powering operational amplifiers (Op-Amps) and analog-to-digital converters. * **Galvanic Isolation:** Separates the input and output stages to prevent ground loops and protect sensitive components from high-voltage spikes. * **Operating Temperature:** Typically rated for industrial ranges (-40°C to +85°C) without derating. * **Short Circuit Protection:** Includes basic protection to prevent damage during momentary faults. --- ## 3. Pin Configuration (DIP14) While the package has 14 pin slots, many are omitted for spacing and isolation. A typical layout for this series is as follows: | Pin Number | Function | Description | |:---:|:--- |:--- | | **1** | -V Input | Ground/Negative Input | | **7** | N.C. | No Connection | | **8** | Common | Output Common (0V) | | **9** | +V Output | +15V Positive Output | | **11** | -V Output | -15V Negative Output | | **14** | +V Input | +5V Positive Input | --- ## 4. Typical Applications 1. **Analog Circuits:** Powering Op-Amps that require symmetrical dual-rail power supplies. 2. **Data Acquisition:** Providing clean, isolated power to sensors to reduce noise interference. 3. **Industrial Control:** Isolating logic-level controllers (like microcontrollers) from high-power field actuators. 4. **Telecom:** Used in distributed power architectures. --- ## 5. Circuit Design Considerations To ensure optimal performance, consider the following when integrating this part: * **Input Filtering:** Adding a small electrolytic or ceramic capacitor (e.g., 4.7µF to 10µF) at the input helps reduce reflected ripple current. * **Minimum Load:** Most unregulated DC-DC converters require a minimum load (usually 10%) to maintain voltage stability. * **Heat Dissipation:** Although 2W is low, ensure adequate airflow if the device is operating at the upper limit of its temperature range.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RZ' suffix and other variants in this series?
    • ⤷ Can this converter be used with a 12V input instead of 5V?
    • ⤷ How does the isolation voltage affect the safety rating of a medical device?