データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM2D-1505D-RZ

  • AI
    The **AM2D-1505D-RZ** is a high-performance DC/DC converter manufactured by Aimtec. It is designed to provide isolation and voltage regulation in compact electronic circuits, typically used in industrial and communication applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AM2D-1505D-RZ: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 13.5V to 16.5V DC (Nominal 15V) | | **Output Voltage** | ±5V DC (Dual Output) | | **Output Current** | ±200mA | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~72% to 75% | | **Package Type** | DIP7 (Dual Inline Package) | --- ### 2. Functional Description The device serves three main purposes in a circuit: 1. **Voltage Conversion:** It takes a single 15V input and converts it into a dual symmetrical output of +5V and -5V. This is essential for powering operational amplifiers (Op-Amps) and sensitive analog sensors. 2. **Galvanic Isolation:** It provides 1000VDC isolation between the input and output. This protects sensitive downstream components from input-side voltage spikes and eliminates ground loops. 3. **Regulation:** The "R" in the part number indicates that this is a **regulated** converter. Unlike unregulated modules, it maintains a stable 5V output even if the input voltage fluctuates or the load changes. --- ### 3. Pin Configuration (DIP7 Layout) The physical layout typically follows a standard DIP7 footprint. While you should always consult the official datasheet, the standard mapping for this series is: * **Pin 1:** +V Input * **Pin 2:** -V Input (Ground) * **Pin 4:** -V Output * **Pin 5:** Common (0V Reference) * **Pin 6:** +V Output --- ### 4. Application Circuit Example To ensure clean power delivery, it is recommended to use decoupling capacitors at the input and output. ```cpp // Schematic representation of connection: [15V Source] ----( +Vin ) [ AM2D-1505D-RZ ] ( +Vout )----> +5V Rail [Ground] ----( -Vin ) ( Common )----> 0V Rail ( -Vout )----> -5V Rail ``` --- ### 5. Notable Features * **Short Circuit Protection:** Includes continuous short-circuit protection with auto-recovery. * **Operating Temperature:** Typically rated for -40°C to +85°C, making it suitable for harsh environments. * **Low Ripple/Noise:** Engineered to provide a clean signal for precision electronics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a regulated and an unregulated DC/DC converter?
    • ⤷ In what scenarios would I need a dual output (±5V) instead of a single 5V output?
    • ⤷ What are the recommended external capacitors for the AM2D series to reduce output noise?