データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM2D-1509S-RZ

  • AI
    The **AM2D-1509S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated voltage source while ensuring electrical isolation between the input and output stages. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Value | Notes | | :--- | :--- | :--- | | **Input Voltage Range** | 13.5V - 16.5V | Nominal 15V input | | **Output Voltage** | 9V DC | Fixed single output | | **Output Current** | 222 mA | Maximum load capacity | | **Isolation Voltage** | 1000 VDC | Input to output isolation | | **Efficiency** | ~75% - 80% | Varies by load conditions | | **Package Type** | DIP7 | Through-hole mounting | | **Operating Temp** | -40°C to +85°C | Industrial grade | --- ## 2. Key Features and Components ### Internal Architecture The device utilizes a high-frequency switching regulator topology. It typically contains: * **Switching Controller:** Regulates the power flow to maintain a steady 9V output. * **Isolation Transformer:** Small ferrite core transformer that provides the 1000VDC galvanic isolation. * **Rectification & Filtering:** Internal capacitors and diodes to smooth the output ripple. ### Protection Mechanisms 1. **Short Circuit Protection:** Most "RZ" series modules include continuous short-circuit protection to prevent damage during faults. 2. **Low Ripple & Noise:** Designed to minimize electromagnetic interference (EMI) for sensitive analog circuits. --- ## 3. Application Use Cases This part is commonly found in industrial and communication hardware where voltage translation and noise isolation are critical: * **Mixed Signal Circuits:** Separating "noisy" digital power rails from "clean" analog 9V sensors. * **Ground Loop Elimination:** Breaking ground loops in long-distance data communication systems. * **Voltage Step-Down:** Converting a standard 15V industrial bus down to 9V for logic controllers or specialized peripherals. --- ## 4. Pinout Configuration (DIP7) While you should always consult the official Aimtec datasheet, the standard DIP7 layout for this series is: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 4 | -Vout | Negative Output Voltage | | 6 | +Vout | Positive Output Voltage | *(Note: Pins 3, 5, and 7 are typically omitted or have no internal connection in this specific package style.)*
    ✨ Follow-up Questions
    • ⤷ What are the recommended decoupling capacitor values for the AM2D-1509S-RZ?
    • ⤷ Does this model support remote on/off control?
    • ⤷ What is the maximum capacitive load this converter can drive?