データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM3T-R-Z

  • AI
    The **AM3T-R-Z** is a high-performance, isolated DC-DC converter series manufactured by **Aimtec**. These components are widely used in industrial, telecommunications, and instrumentation applications where stable voltage regulation and electrical isolation are required. --- ### ## Technical Specifications The AM3T-R-Z series is characterized by its compact SIP (Single Inline Package) and robust electrical protections. | Feature | Specification | | :--- | :--- | | **Power Rating** | 3 Watts | | **Input Voltage Range** | 2:1 Wide Input (e.g., 9-18V, 18-36V, 36-72V) | | **Isolation Voltage** | 1500 VDC (Standard) | | **Package Type** | SIP8 (Plastic Case) | | **Efficiency** | Up to 82% | | **Operating Temperature** | -40°C to +85°C | --- ### ### Key Features and Protections * **Continuous Short Circuit Protection:** The device can withstand a short circuit on the output side indefinitely without damage, automatically recovering once the fault is removed. * **Remote On/Off Control:** The "R" in the part number often denotes the presence of a remote control pin, allowing the converter to be enabled or disabled via logic signals to save power. * **Low Ripple and Noise:** Designed to provide clean power to sensitive analog and digital circuits. * **Regulated Output:** Unlike unregulated converters, these maintain a steady output voltage regardless of minor fluctuations in the input voltage or load. --- ### ### Typical Application Circuit To ensure the longevity of the part and reduce Electromagnetic Interference (EMI), a standard peripheral circuit is recommended: ```c [Input Voltage] ---- [Fuse] ---- [C1: Electrolytic] ---- [AM3T-R-Z] ---- [C2: Ceramic] ---- [Load] | [Remote Control Signal] ``` --- ### ### Pinout Configuration (SIP8) | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 3 | Remote On/Off | Logic control to toggle the device | | 5 | NC / Trim | No Connection or Voltage Trimming | | 6 | +Vout | Positive Output Voltage | | 7 | -Vout | Negative Output Voltage | | 8 | CS | Case Connection (if applicable) |
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage options available for the AM3T-R-Z series?
    • ⤷ How do I calculate the thermal derating for this converter at temperatures above 71°C?
    • ⤷ Can this DC-DC converter be used in medical grade applications requiring higher isolation?