データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM6412...ALV

  • AI
    The **AM6412** is part of the Sitara™ family from Texas Instruments. It is a high-performance industrial processor designed for factory automation, motor drives, and industrial communications. The suffix "**ALV**" typically refers to the specific package type and temperature grade. --- ### 1. Key Internal Components The AM6412 features a heterogeneous architecture, combining high-speed application processors with real-time cores. | Component | Description | | :--- | :--- | | **Application Core** | 1x ARM Cortex-A53 (up to 1.0 GHz) for Linux-based applications. | | **Real-Time Cores** | 2x ARM Cortex-R5F (up to 800 MHz) for low-latency control loops. | | **Microcontroller Core** | 1x ARM Cortex-M4F (up to 400 MHz) for system management/safety. | | **Industrial Comm.** | 2x PRU-ICSSG (Programmable Real-Time Unit) for protocols like EtherCAT, PROFINET, and TSN. | | **Security** | Hardware Security Module (HSM) with secure boot and crypto acceleration. | --- ### 2. Peripheral Interfaces The electronic design of a board using the AM6412 revolves around several high-speed and industrial interfaces: * **Memory Interfaces:** * Supports **LPDDR4/DDR4** (16-bit bus with inline ECC). * Flash support via OSPI (Octal SPI) or eMMC. * **Networking:** * Integrated Ethernet Switch supporting up to 2x Gigabit ports. * TSN (Time-Sensitive Networking) support. * **Connectivity:** * PCIe Gen2, USB 3.1 Gen1, and multiple CAN-FD ports. * Standard peripherals: UART, I2C, SPI, and ADC. --- ### 3. "ALV" Package Specifications The "ALV" designation provides critical mechanical and thermal data for PCB layout: | Feature | Specification | | :--- | :--- | | **Package Type** | FCBGA (Flip Chip Ball Grid Array) | | **Pin Count** | 441 pins | | **Pitch** | 0.8 mm | | **Dimensions** | 17.2 mm x 17.2 mm | | **Temp Grade** | Industrial (-40°C to 105°C) or Extended. | --- ### 4. Hardware Implementation Snippet When designing the power management for the AM6412, engineers often use a PMIC (Power Management IC) like the **TPS65219**. Below is a conceptual representation of the power rail requirements: ```yaml Power_Rails: - VDD_CORE: 0.75V / 0.85V (SmartReflex) - VDD_PHY_LDO: 1.8V - VDD_DDR: 1.1V (LPDDR4) or 1.2V (DDR4) - VDD_IO: 1.8V / 3.3V (Dual Voltage) ``` --- ### 5. Why choose AM6412 over AM6442? The AM6412 is a **cost-optimized** version within the AM64x family. While the AM6442 offers dual Cortex-A53 cores, the AM6412 provides a single A53 core, making it ideal for applications that require heavy real-time processing (via the R5F cores) but only moderate application-level processing.
    ✨ Follow-up Questions
    • ⤷What are the specific power management requirements for the AM6412?
    • ⤷ How does the PRU-ICSSG handle industrial Ethernet protocols?
    • ⤷ What are the PCB routing constraints for the 0.8mm pitch ALV package?