データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AMK-R005E

  • AI
    The **AMK-R005E** is a specific model of an electronic component, typically classified as a **Current Sensing Resistor** (Shunt Resistor). These components are engineered to measure current flow by monitoring the voltage drop across a known, very low resistance value. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the AMK-R005E: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 5 mΩ (0.005 Ohms) | The "R005" in the part number signifies 5 milliohms. | | **Power Rating** | 1W - 5W (Variant dependent) | The maximum power the resistor can dissipate safely. | | **Tolerance** | ±1% or ±5% | Precision level of the resistance value. | | **Type** | Metal Strip / Alloy | Uses a solid metal element for high stability. | | **Mounting Type** | SMD (Surface Mount Device) | Designed for automated PCB assembly. | --- ### 2. Physical Construction and "R005" Logic The part number follows standard electronic labeling conventions: * **AMK:** Usually refers to the manufacturer's series (often associated with specialized resistor brands like Isabellenhütte or similar high-precision alloy manufacturers). * **R005:** The "R" acts as a decimal point. * R005 = 0.005 Ω * R010 = 0.010 Ω * **E:** Often denotes the packaging type (Embossed Tape) or a specific tolerance/temperature coefficient rating. --- ### 3. Functional Application In a circuit, the AMK-R005E is used to implement **Ohm’s Law ($V = I \times R$)**. By placing this resistor in series with a load, a microcontroller or sensing IC can measure the small voltage ($V$) across the resistor to calculate the current ($I$). #### Typical Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **Motor Control:** Detecting overcurrent conditions to prevent motor burnout. 3. **DC-DC Converters:** Providing feedback for current-mode PWM controllers. 4. **Power Supplies:** Load monitoring and short-circuit protection. --- ### 4. Code Implementation Example If you are using an Arduino or an ADC to read the current through an AMK-R005E, the logic would look like this: ```cpp float shuntResistor = 0.005; // 5 mOhms float voltageDrop; // Measured via ADC (in Volts) float current; void loop() { // Read voltage from an external Differential Amplifier voltageDrop = analogRead(A0) * (5.0 / 1023.0) / gain; // Calculate Current: I = V / R current = voltageDrop / shuntResistor; Serial.print("Current: "); Serial.println(current); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the AMK-R005E based on its power rating?
    • ⤷ What are the common manufacturers for the AMK series of resistors?
    • ⤷ How does temperature affect the accuracy of a 5mΩ shunt resistor?