データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AMLD-RZ_16

  • AI
    The **AMLD-RZ-16** typically refers to a high-performance **Addressable RGB (ARGB) LED Controller/Driver** module, often used in professional lighting systems, stage equipment, or high-end PC chassis lighting. It is designed to manage 16 separate channels or zones of lighting. --- ### Core Electronic Components The architecture of the AMLD-RZ-16 is built around handling high-speed data signals and power distribution for LED strips. | Component Category | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Often an ARM Cortex-M series or high-speed RISC chip. | Processes incoming control signals (DMX512, USB, or Wi-Fi) and calculates lighting effects. | | **PWM Controllers** | Integrated circuits (ICs) dedicated to Pulse Width Modulation. | Controls the brightness and color depth by pulsing current at high frequencies. | | **MOSFETs** | Metal-Oxide-Semiconductor Field-Effect Transistors. | Acts as high-speed switches to handle the current load for the LED strings. | | **Voltage Regulators** | Usually Buck Converters (Step-down). | Converts input voltage (e.g., 12V/24V) to stable 5V or 3.3V for the internal logic. | | **Signal Amplifiers** | Line drivers/buffers. | Prevents signal degradation over long wire runs between the controller and the LEDs. | --- ### Technical Specifications (Typical) The "16" in the model name signifies the 16-channel capability. Below is a breakdown of the electronic parameters: 1. **Input Voltage:** Usually ranges from **5V to 24V DC**, depending on the connected LED strips. 2. **Output Channels:** 16 independent headers. 3. **Communication Protocol:** * **SPI (Serial Peripheral Interface):** For driving ICs like WS2812B, SK6812, or UCS1903. * **DMX512/RDM:** For professional lighting console integration. 4. **Protection Circuitry:** * **TVS Diodes:** Protects against electrostatic discharge (ESD). * **PPTC Resettable Fuses:** Prevents overcurrent damage on a per-channel basis. --- ### Signal Processing Logic The device functions by receiving a "Master" signal and translating it into individual "Data" and "Clock" pulses for the LEDs. ```cpp // Pseudocode for how the MCU handles a 16-channel buffer void update_lighting() { for (int channel = 0; channel < 16; channel++) { uint8_t r = buffer[channel].red; uint8_t g = buffer[channel].green; uint8_t b = buffer[channel].blue; // Transmit encoded pulse to specific GPIO pin send_data_packet(PIN_MAP[channel], r, g, b); } } ``` --- ### Installation & Wiring Considerations When working with the electronic parts of the AMLD-RZ-16, pay attention to the **Common Cathode/Anode** configuration: * **V+:** Positive power rail (Must match LED voltage). * **Data/Clock:** Logic signal (Usually 5V TTL). * **GND:** Common ground (Crucial for signal integrity to prevent flickering).
    ✨ Follow-up Questions
    • ⤷What is the maximum current per channel for the AMLD-RZ-16?
    • ⤷ Does this controller support DMX512 or Art-Net protocols?
    • ⤷ How do you sync multiple AMLD-RZ-16 units together?