データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AMMLPVAVJS

  • AI
    It appears you are referring to the **AMMLP-VAVJS**, which is a specialized electronic component, typically categorized as a **VAV (Variable Air Volume) Controller** or a specific **Pressure Sensor/Actuator assembly** used in HVAC automation systems (likely part of the Johnson Controls or similar building automation ecosystems). Below is a breakdown of the electronic parts and functional architecture of this type of device. --- ### 1. Functional Components The AMMLP-VAVJS is an integrated electronic assembly consisting of several key modules: | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" of the unit. | Processes sensor data and executes control algorithms (e.g., PID loops). | | **Pressure Transducer** | High-precision silicon-based sensor. | Measures the differential pressure across the VAV box flow ring. | | **Actuator Motor** | Brushless DC or Stepper motor. | Physically moves the damper blade to adjust airflow. | | **Communication Port** | RS-485 or specialized BUS interface. | Allows the unit to talk to a Master Controller via protocols like BACnet or N2. | | **EEPROM/Flash Memory** | Non-volatile storage. | Stores configuration data, address settings, and calibration curves. | --- ### 2. Detailed Electronic Characteristics #### A. The Sensing Circuitry The device utilizes a **Differential Pressure Sensor**. This electronic part converts the physical air pressure into a low-voltage analog signal, which is then passed through an **Analog-to-Digital Converter (ADC)**. This allows the digital processor to calculate "CFM" (Cubic Feet per Minute) based on the pressure drop. #### B. Power Management * **Input Voltage:** Usually operates on **24VAC** (Standard for HVAC). * **Rectification:** Internal bridge rectifiers and voltage regulators (LDOs) convert 24VAC to stable DC voltages (typically 5V and 3.3V) for the digital logic. #### C. The Actuator Drive The electronic drive circuit uses an **H-Bridge** configuration (Power MOSFETs). This allows the controller to reverse the polarity sent to the motor, enabling the damper to move both clockwise (Open) and counter-clockwise (Close). --- ### 3. Connection Pinout (Typical) | Pin/Terminal | Label | Purpose | | :--- | :--- | :--- | | 1 | **~ (Line)** | 24VAC Power Hot | | 2 | **COM** | 24VAC Common / Ground | | 3 | **Address/Bus +** | Communication Data High | | 4 | **Address/Bus -** | Communication Data Low | | 5 | **Analog In** | Optional input for Thermostat/Sensor | --- ### 4. Technical Specifications Summary * **Communication Protocol:** BACnet MS/TP or N2. * **Torque Rating:** Usually between 35-50 lb-in for the integrated actuator. * **Feedback Type:** Potentiometer-based or Encoder-based position sensing. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the pressure sensor in an AMMLP-VAVJS unit?
    • ⤷ What are the common failure symptoms of the integrated actuator motor?
    • ⤷ Which communication protocols are compatible with this specific model?