データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AMMLPVCEJS

  • AI
    It appears you are referring to the core electronic components and engineering concepts involved in **Automated Mobile Mapping, LiDAR, Photogrammetry, and Vacuum/Control Electronic Job Systems** (or similar configurations used in industrial automation and surveying). Below is a breakdown of the typical electronic parts found in these advanced measurement and mapping systems. --- ### 1. Sensor Array Components These parts are responsible for data acquisition from the physical environment. | Component | Function | Key Electronic Specs | | :--- | :--- | :--- | | **LiDAR Sensor** | Light detection and ranging using laser pulses. | Pulse rate (kHz), Range (m) | | **CMOS Image Sensors** | High-resolution digital imaging for photogrammetry. | Global shutter, Pixel pitch | | **IMU (Inertial Measurement Unit)** | Tracks orientation, velocity, and gravitational forces. | 6-DOF or 9-DOF, Gyro drift rate | | **GNSS Receiver** | Provides global positioning coordinates. | Multi-constellation, RTK support | --- ### 2. Processing & Control Electronics (VCU/ECU) These represent the "brain" of the system, often referred to as the **Vehicle Control Unit** or **Electronic Control System**. * **SoC (System on Chip):** High-performance processors (like NVIDIA Jetson or ARM-based units) that handle real-time point cloud processing. * **FPGA (Field Programmable Gate Array):** Used for low-latency synchronization between the LiDAR and the camera triggers. * **Microcontrollers (MCU):** Manage low-level tasks such as power distribution, cooling fan speeds, and sensor health monitoring. --- ### 3. Power and Connectivity The backbone that ensures all electronic parts communicate and stay powered. #### Power Management System (PMS) * **DC-DC Converters:** Stepping down high-voltage battery power (e.g., 24V or 48V) to 5V or 12V for sensitive electronics. * **BMS (Battery Management System):** Monitors thermal status and charge levels of the Lithium-Ion cells. #### Communication Protocols 1. **CAN Bus:** The standard for internal communication between automotive/industrial modules. 2. **Gigabit Ethernet:** Used for high-speed data transfer of raw image and LiDAR files to the storage drive. 3. **PPS (Pulse Per Second):** A timing signal used to synchronize every electronic component to the exact same microsecond. --- ### 4. Mechanical & Vacuum Integration (The "V" and "J") If the "VCE" refers to **Vacuum/Control Electronics**, these parts manage the physical stability of the system. * **Pressure Sensors:** Monitor vacuum levels in suction-based mounting systems. * **Servo Controllers:** Drive the motors for gimbal stabilization or mobile platform movement. * **Solid State Drives (SSD):** Industrial-grade storage required to write massive amounts of data in high-vibration environments. ---
    ✨ Follow-up Questions
    • ⤷ Could you clarify if AMMLPVCEJS is a specific proprietary acronym for a certain manufacturer?
    • ⤷ Would you like a detailed circuit diagram description for the LiDAR-to-IMU synchronization?
    • ⤷ Are you looking for the specific power requirements for these electronic modules?