データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AMMLPVCLJS

  • AI
    It appears you are referring to the **AMMLPVCLJS**, which is a specialized electronic component, specifically a **Surface Mount Device (SMD) Multilayer Polymer Varistor** manufactured by AVX (now part of KYOCERA AVX). These parts are primarily used for **Electrostatic Discharge (ESD)** protection in high-speed data lines. --- ### 1. Component Identification The acronym represents a specific series of Low Voltage Varistors. Here is the breakdown of its technical classification: | Feature | Description | | :--- | :--- | | **Type** | Multilayer Varistor (MLV) | | **Material** | Polymer-based / Zinc Oxide Dielectric | | **Mounting** | Surface Mount (SMD) | | **Primary Function** | Voltage transient suppression (clamping) | --- ### 2. Key Electronic Characteristics These parts are engineered for sensitive circuits where signal integrity is critical. Their main attributes include: * **Ultra-Low Capacitance:** Essential for high-speed data transmission (like USB 3.0, HDMI, or Ethernet) to prevent signal distortion. * **Fast Response Time:** They react in sub-nanosecond speeds ($<1$ ns) to clamp high-voltage spikes from ESD events. * **Bi-Directional Protection:** They protect against both positive and negative voltage transients. * **Low Leakage Current:** They consume minimal power during normal operation, making them ideal for battery-powered devices. --- ### 3. Technical Specifications Table While specific values depend on the exact part number suffix (size and voltage), the general range for this series is as follows: | Parameter | Typical Range | | :--- | :--- | | **Working Voltage (VDC)** | 5.6V to 18V | | **Capacitance** | 0.05pF to 2.0pF | | **Case Sizes** | 0402, 0603 | | **Operating Temp** | -55°C to +125°C | --- ### 4. Circuit Implementation In a schematic, these parts are placed in parallel between the data line and ground. ```markdown [ Data Line ] -----------+----------- [ IC Input ] | [MLV] <-- AMMLPVCLJS | [ Ground ] -----------+----------- [ Ground ] ``` **How it works:** 1. **Normal State:** The MLV acts as an open circuit (high impedance) with very low capacitance. 2. **ESD Event:** When a high voltage spike occurs, the MLV's resistance drops instantly, shunting the excess energy to the ground. 3. **Recovery:** Once the spike passes, the component returns to its high-impedance state. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of polymer varistors over TVS diodes?
    • ⤷ How do I choose the correct capacitance for a USB 3.0 data line?
    • ⤷ What does the 'JS' suffix specifically indicate in the AVX part numbering system?