データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AMMLPVDXJS

  • AI
    The term **AMMLPVDXJS** refers to a highly specific, high-performance **Step-Down (Buck) DC-DC Converter Module**, commonly used in advanced electronics for power management. These modules are designed to convert a higher input voltage to a lower, stable output voltage with high efficiency. Below is a breakdown of the electronic components and technical specifications associated with this type of power module. --- ## 1. Core Technical Specifications These modules are typically defined by their power density and precision. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V (or up to 24V) | | **Output Voltage Range** | 0.6V to 5.5V (Adjustable) | | **Output Current** | 2A to 6A (Model dependent) | | **Switching Frequency** | 500 kHz to 1.5 MHz | | **Efficiency** | Up to 95% | --- ## 2. Key Internal Electronic Components The "parts" inside an AMMLPVDXJS module are integrated to minimize electromagnetic interference (EMI) and footprint. ### A. Integrated Controller IC The "brain" of the module. It uses **Pulse Width Modulation (PWM)** or **Pulse Frequency Modulation (PFM)** to control the switching cycle. It includes: * **MOSFETs:** High-side and low-side power transistors integrated into the silicon to reduce heat. * **Feedback Loop:** Constantly monitors output voltage to ensure stability under varying loads. ### B. Power Inductor Unlike standard chips, these modules often have an **integrated shielded inductor** on top or inside the package. This is the primary energy storage element that smooths the current. ### C. Multi-Layer Ceramic Capacitors (MLCCs) High-frequency capacitors are used for: * **Input Filtering:** Reducing voltage spikes from the power source. * **Output Smoothing:** Minimizing voltage ripple to protect sensitive downstream components like CPUs or FPGAs. --- ## 3. Advanced Features These modules are sought after for specific electronic protection mechanisms: 1. **Over-Current Protection (OCP):** Automatically shuts down if the load draws too much power. 2. **Thermal Shutdown:** Protects the part from melting if it overheats due to poor ventilation. 3. **Soft-Start:** Gradually increases voltage during power-up to prevent "inrush current" that could damage other parts. --- ## 4. Application Example (Circuit Implementation) If you were to integrate this into a PCB design, the basic connection logic follows this structure: ```cpp // Logic Diagram for Module Integration [Input Power (12V)] --> [VIN Pin] [GND Pin] <--> (Common Ground) [EN Pin] <--> (Enable/Logic High) [VOUT Pin] --> [Regulated Output (3.3V)] [FB Pin] <--> (Voltage Divider Resistors) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between this module and a standard linear regulator?
    • ⤷ How do I calculate the resistor values for the Feedback (FB) pin to set a specific output voltage?
    • ⤷ What thermal management techniques are recommended for high-current DC-DC modules?