データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AMS2911CD-1.5

  • AI
    ## AMS2911CD-1.5: Low Dropout Voltage Regulator The **AMS2911CD-1.5** is a high-performance low dropout (LDO) voltage regulator manufactured by Advanced Monolithic Systems. It is specifically designed to provide a fixed output voltage of **1.5V** while maintaining high efficiency and thermal stability. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Output Voltage** | 1.5V (Fixed) | | **Maximum Output Current** | 1.0 Ampere | | **Dropout Voltage** | Typically 1.1V at 1A load | | **Input Voltage Range** | Up to 12V (Maximum) | | **Package Type** | TO-252 (DPAK) / SOT-223 | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal circuitry of the AMS2911CD-1.5 consists of several critical stages: 1. **Internal Reference Voltage:** A precise bandgap reference that ensures the 1.5V output remains stable regardless of temperature changes. 2. **Error Amplifier:** Monitors the output voltage and compares it to the internal reference, adjusting the pass transistor to correct any deviations. 3. **Pass Transistor:** Typically an NPN or PNP power transistor that handles the current flow from input to output. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Current Limiting:** Prevents the device from burning out in the event of a short circuit. --- ### 3. Application Use Cases This specific 1.5V regulator is commonly found in digital and low-power analog circuits: * **FPGA/DSP Core Power:** Modern processors often require a 1.5V rail for internal logic cores. * **Battery Powered Equipment:** Due to its low quiescent current, it helps extend battery life. * **Motherboards & Set-top Boxes:** Used for local regulation to reduce noise from main power rails. * **Post-Regulators:** Used after switching regulators to provide a "clean" (low noise) 1.5V signal. --- ### 4. Implementation Example When using the AMS2911CD-1.5, external capacitors are required for stability. ```cpp // Typical Hardware Configuration: // Input Pin: Connect to source (e.g., 3.3V or 5V) // Ground Pin: Connect to System Ground // Output Pin: Provides 1.5V Stable Output // External Components: // 1. Input Capacitor (Cin): 10µF Tantalum or Electrolytic // 2. Output Capacitor (Cout): 22µF Tantalum (Required for stability) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AMS2911 and the AMS1117 series?
    • ⤷ What is the minimum input voltage required to maintain a stable 1.5V output?
    • ⤷ How does the TO-252 package affect the thermal management of this regulator?