データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AO2170M8VR

  • AI
    The **AO2170M8VR** is a high-performance, N-Channel enhancement mode Power MOSFET, commonly utilized in power management and switching applications. It belongs to a specialized family of components designed for efficiency and thermal stability. --- ## 1. Technical Specifications The primary characteristics of this MOSFET define its suitability for high-current applications. | Feature | Value / Range | Description | | :--- | :--- | :--- | | **Polarity** | N-Channel | Standard configuration for low-side switching. | | **Drain-Source Voltage ($V_{DSS}$)** | ~30V to 100V* | The maximum voltage across drain and source. | | **Continuous Drain Current ($I_D$)** | High (e.g., 20A - 50A) | Rated for significant current handling. | | **On-Resistance ($R_{DS(on)}$)** | Extremely Low | Minimizes power loss during conduction. | | **Package Type** | DFN / QFN (8-Pin) | Surface-mount package optimized for heat dissipation. | *\*Note: Specific voltage ratings depend on the sub-revision of the series; common variants are 30V or 40V.* --- ## 2. Key Internal Components & Architecture The AO2170M8VR is built using Trench technology, which provides several electronic advantages: ### A. Gate Structure * **Low Gate Charge ($Q_g$):** The internal gate capacitance is minimized to allow for rapid switching speeds. This reduces "switching losses" where the transistor is partially on and generating heat. * **Threshold Voltage ($V_{GS(th)}$):** Typically logic-level compatible, meaning it can be triggered by low-voltage microcontrollers. ### B. Thermal Management * **Exposed Pad:** The 8-pin package usually features a large metallic pad on the bottom. This acts as a heat sink, allowing the part to transfer thermal energy directly into the PCB copper planes. * **Source/Drain Layout:** Internal bonding is optimized to reduce parasitic inductance, which is critical for high-frequency DC-DC converters. --- ## 3. Applications and Use Cases Because of its efficiency, this part is frequently found in the following electronic systems: 1. **DC-DC Converters:** Used in Buck or Boost regulators to step voltages down or up (e.g., Laptop power rails). 2. **Battery Management Systems (BMS):** Acts as a high-current switch for protecting lithium batteries from over-discharge. 3. **Motor Drivers:** Employed in H-Bridge circuits for controlling small DC motors or brushless motors. 4. **Load Switching:** Used to turn specific circuit segments on or off to save power in mobile devices. --- ## 4. Typical Circuit Integration ```cpp // Logic Representation of MOSFET Switching If (Gate_Voltage > Vth) { MOSFET = CLOSED; // Current flows from Drain to Source } else { MOSFET = OPEN; // Current is blocked } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum Drain-Source voltage for the M8VR variant?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller pin?
    • ⤷ How does the DFN 8-pin footprint compare to a standard TO-220 package for heat dissipation?