データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AOFW210-R

  • AI
    The **AOFW210-R** is a specific model of an industrial control component manufactured by **IDEC**. It belongs to the **TW series** of 22mm pushbuttons and control units. Below is a detailed breakdown of its electronic and mechanical parts. --- ### 1. General Specifications The AOFW210-R is a **flush silhouette** pushbutton switch designed for panel mounting. | Feature | Specification | | :--- | :--- | | **Manufacturer** | IDEC | | **Series** | TW Series (Traditional) | | **Mounting Hole** | 22mm | | **Operator Shape** | Flush (Flat surface) | | **Action** | Momentary (Spring return) | | **Contact Configuration** | 1NO (Normally Open) | | **Button Color** | Red (R) | --- ### 2. Electronic Contact Block The "brains" of the component is the contact block attached to the back of the operator. * **Contact Arrangement:** The "10" in the part number indicates a **1NO** configuration. When the button is pressed, the circuit closes; when released, it opens. * **Voltage/Current Rating:** These units are typically rated for heavy-duty industrial use: * **AC:** Up to 600V (depending on insulation) / 10A (thermal current). * **DC:** Typically 110V/2.2A or 220V/1.1A. * **Terminal Type:** It uses M3.5 screw terminals with captive wire clamps, allowing for easy wiring with ring or spade lugs. --- ### 3. Mechanical & Structural Components The AOFW210-R is built to withstand harsh environments (IP65 rated). #### A. The Operator (The Red Button) The button itself is made of durable plastic. The "Flush" design means the button sits nearly level with the bezel, preventing accidental activation from side impact. #### B. The Bezel and Housing * **Locking Ring:** A metallic or high-strength plastic nut that secures the unit to the panel. * **Gasket:** A rubber seal that ensures moisture and dust do not enter the control panel (meeting NEMA 4X/13 and IP65 standards). #### C. Return Spring A high-tension internal spring provides tactile feedback and ensures the button returns to its original position immediately after being released (Momentary action). --- ### 4. Part Number Breakdown Understanding the code helps identify the specific electronics: | Segment | Meaning | | :--- | :--- | | **AO** | Flush Operator | | **F** | Full Shroud / Standard style | | **W** | TW Series (Heavy Duty) | | **2** | 22mm Mounting Hole | | **10** | 1NO Contact (Normally Open) | | **-R** | Color: Red | --- ### 5. Common Applications * **Start Switches:** Used for non-critical "Start" functions in machinery. * **Signal Inputs:** Sending a temporary signal to a PLC (Programmable Logic Controller). * **Manual Overrides:** Allowing an operator to bypass an automated step.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'Momentary' and 'Maintained' action in IDEC switches?
    • ⤷ Can I add more contact blocks to the AOFW210-R if I need 2NO or 1NC?
    • ⤷ What is the NEMA rating for the TW series components?