データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AP-010-R

  • AI
    The **AP-010-R** is an electronic digital pressure sensor part number typically associated with the **Keyence AP-C30 series**. This specific component is a high-precision sensor used in industrial automation to monitor air or gas pressure. --- ### 1. Technical Specifications The AP-010-R is a negative pressure (vacuum) type sensor. Below are the key electronic and physical specifications: | Parameter | Specification | | :--- | :--- | | **Pressure Type** | Gauge Pressure / Vacuum | | **Rated Pressure Range** | 0 to -101.3 kPa (Approx. 0 to -29.9 inHg) | | **Power Supply Voltage** | 12 to 24 VDC ±10% | | **Current Consumption** | 40 mA or less | | **Output Type** | PNP Open Collector (indicated by the 'R' suffix) | | **Control Output** | Max. 100 mA (30 VDC or less) | | **Response Time** | 2.5 ms (selectable up to 5000 ms) | | **Display** | 3 1/2-digit, 2-color LED (Red/Green) | --- ### 2. Key Electronic Components & Features #### A. Sensing Element The core of the unit is a **piezoresistive silicon pressure transducer**. When pressure is applied, the resistance of the silicon diaphragm changes, which is then converted into an electronic signal. #### B. Output Circuitry (PNP Type) The "R" in the model name specifically denotes the **PNP output** configuration. * In a PNP setup, the load is connected between the output wire and the negative (0V) terminal. * When the sensor "trips," it sources positive voltage to the load. #### C. Analog Output In addition to the digital switch, the AP-010-R typically provides a **1 to 5V analog voltage output**. This allows for continuous monitoring of pressure levels by a PLC or data logger, rather than just an ON/OFF signal. #### D. Protection Circuits The internal electronics include: * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. * **Overcurrent Protection:** Protects the output transistors from short circuits. --- ### 3. Wiring Diagram (Generic PNP) The unit typically uses a 4-wire configuration: ```text Brown : 12-24 VDC (+) Blue : 0 V (-) Black : Control Output (PNP) White : Analog Output (1 to 5 V) ``` --- ### 4. Applications * **Pick-and-Place:** Confirming vacuum suction of a component. * **Leak Testing:** Monitoring pressure decay in a sealed system. * **Filter Monitoring:** Detecting clogs by measuring pressure drops.
    ✨ Follow-up Questions
    • ⤷ How does the PNP output differ from the NPN model in the AP-C30 series?
    • ⤷ Can the AP-010-R be used for liquid pressure sensing?
    • ⤷ What is the procedure for zero-point adjustment on this sensor?