データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AP-A13-R

  • AI
    Based on the technical specifications for the **AP-A13-R**, this model typically refers to a high-efficiency **Air Purifier control board or complete unit assembly** (common in specific OEM brands like AirPro or similar air quality systems). Below is a breakdown of the electronic components and architecture associated with this model. --- ### 1. Main Control Board (PCB) The heart of the AP-A13-R is the printed circuit board that manages power distribution and logic. | Component Category | Function | Details | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic & Control | Processes sensor data and manages fan speed/timer logic. | | **Power Supply Unit (PSU)** | AC/DC Conversion | Converts 110V/220V AC input to 12V/5V DC for logic circuits. | | **Relays/Triacs** | Load Switching | Controls the high-voltage power to the fan motor. | --- ### 2. Sensor Suite To operate in "Auto Mode," the AP-A13-R utilizes several electronic sensors: * **PM2.5 Laser Sensor:** Uses a laser diode and a phototransistor to measure the concentration of particulate matter in the air. * **VOC Sensor:** An electronic chemical sensor that detects volatile organic compounds (gases/odors). * **Capacitive Touch Sensors:** Integrated into the top control panel for user interface (UI) interaction without mechanical buttons. --- ### 3. Motor and Fan Assembly The electronic drive system for the airflow: * **Brushless DC Motor (BLDC):** Unlike standard AC motors, the AP-A13-R often uses a BLDC motor for higher energy efficiency and quieter operation. * **PWM Controller:** Uses Pulse Width Modulation to provide granular control over the fan speed (Sleep, Low, Medium, High, Turbo). --- ### 4. Ionization and Filtration Electronics * **High Voltage Generator:** A small transformer/inverter module that generates a negative charge (anions) to help clump dust particles together. * **RFID/Optical Filter Check:** Some variants include an electronic tag reader or an infrared beam to detect if the HEPA filter is installed or needs replacement. --- ### 5. Display and UI Components | Part | Type | Purpose | | :--- | :--- | :--- | | **LED Indicators** | SMD LEDs | Displays air quality levels (Green/Yellow/Red). | | **Segment Display** | 7-Segment or LCD | Displays the timer countdown or PM2.5 numerical value. | | **Buzzer** | Piezoelectric | Provides acoustic feedback for button presses or filter alerts. | ---
    ✨ Follow-up Questions
    • What is the specific input voltage range for the AP-A13-R power supply?
    • Does the AP-A13-R support Wi-Fi or Bluetooth connectivity for smart control?
    • How do I troubleshoot a flashing filter reset light on this specific board?