データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AP1534

  • AI
    The **AP1534** is a high-efficiency, step-down (buck) DC-DC converter integrated circuit (IC) primarily used for voltage regulation in electronic circuits. It is designed to drive a 2A load with excellent line and load regulation. --- ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the AP1534: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.6V to 18V | | **Output Voltage** | Adjustable (0.8V to Vcc) | | **Output Current** | 2A Continuous | | **Oscillator Frequency** | 300 kHz (Typical) | | **Efficiency** | Up to 90% | | **Package Type** | SOP-8L (Small Outline Package) | --- ## 2. Pin Configuration and Functions The AP1534 typically comes in an 8-pin package. Below is the functional description of each pin: 1. **VCC**: Supply voltage input. 2. **Output (SW)**: The internal switch output; connects to the external inductor and Schottky diode. 3. **Feedback (FB)**: Feedback sensing pin; connected to a resistor divider to set the output voltage. 4. **Enable (EN)**: Logic level control. High = On, Low = Shutdown mode. 5. **GND**: Ground reference. 6. **Comp**: External compensation pin to stabilize the control loop. 7. **NC/VSS**: No connection or specific ground-dependent pin depending on sub-variants. --- ## 3. Core Functional Components Inside the IC, several electronic blocks work together to manage power: * **Internal P-Channel MOSFET**: Acts as the main power switch, eliminating the need for an external transistor. * **PWM Control Circuit**: Uses Pulse Width Modulation to maintain a constant output voltage by varying the "on-time" of the switch. * **Reference Voltage (0.8V)**: A high-precision internal reference used by the Feedback pin to compare the actual output against the target. * **Protection Circuitry**: * **Over Current Protection (OCP)**: Limits the current to prevent damage during a short circuit. * **Thermal Shutdown**: Turns off the device if the internal temperature exceeds safe limits (typically around 150°C). --- ## 4. Typical Application Circuit To use the AP1534, you generally need the following external components: * **Inductor**: To store energy and smooth the output current. * **Schottky Diode**: Used as a catch diode to provide a path for the inductor current when the internal switch is off. * **Capacitors**: Input and output electrolytic or ceramic capacitors to reduce ripple and noise. * **Resistor Divider**: Connected to the **FB** pin to define the output voltage using the formula: `Vout = 0.8V * (1 + R1 / R2)` ---
    ✨ Follow-up Questions
    • How do I calculate the inductor value for an AP1534 circuit?
    • What are the common alternatives to the AP1534 for higher current requirements?
    • What is the maximum power dissipation of the SOP-8L package used by this IC?