データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AP3003

  • AI
    The **AP3003** is a high-performance, monolithic step-down (buck) DC-DC converter IC. It is designed to drive a 3A load with high efficiency and excellent line and load regulation. --- ## 1. Key Specifications The following table outlines the primary electrical characteristics of the AP3003 series: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 4.5V to 32V | | **Output Current** | Up to 3A | | **Switching Frequency** | 150 kHz (Fixed) | | **Output Voltage Options** | 3.3V, 5.0V, 12V, or Adjustable (1.23V to 30V) | | **Efficiency** | Up to 90% | | **Operating Temp Range** | -40°C to +125°C | | **Package Types** | TO-220-5, TO-263-5 | --- ## 2. Pin Configuration (5-Pin Layout) The AP3003 typically comes in a 5-pin package. Below is the functional description of each pin: 1. **VIN**: Operating voltage input. 2. **Output**: Switching node; connects to the external inductor and catch diode. 3. **GND**: Ground reference. 4. **Feedback (FB)**: Senses the output voltage to maintain regulation (connected to a resistor divider in the adjustable version). 5. **ON/OFF (EN)**: Enables or disables the device. Logical low turns the device ON; logical high turns it OFF. --- ## 3. Essential Peripheral Components To build a functional circuit with the AP3003, the following electronic parts are required: * **Inductor ($L_1$):** Usually between $33\mu H$ and $100\mu H$. It stores energy during the "on" cycle. * **Schottky Diode ($D_1$):** Acts as a catch diode to provide a path for the inductor current during the "off" cycle. It must be a fast-recovery type. * **Input Capacitor ($C_{IN}$):** A low-ESR capacitor (typically $100\mu F$ to $470\mu F$) to stabilize the input voltage. * **Output Capacitor ($C_{OUT}$):** Filters the output voltage ripple (typically $220\mu F$ to $1000\mu F$). --- ## 4. Protection Features The IC includes several integrated safety mechanisms: * **Thermal Shutdown:** Automatically turns off the IC if the junction temperature exceeds $150^\circ C$. * **Cycle-by-Cycle Current Limit:** Prevents damage to the IC and external components during an overcurrent event. * **Internal Compensation:** Simplifies the design by reducing the need for external RC networks to stabilize the feedback loop. ---
    ✨ Follow-up Questions
    • What is the difference between the fixed and adjustable versions of the AP3003?
    • How do I calculate the inductor value for an AP3003 circuit?
    • Can the AP3003 be used in a boost converter configuration?