データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • API9221FCG

  • AI
    The **API9221FCG** is a specialized high-performance Power Management Integrated Circuit (PMIC), typically utilized in mobile devices, wearables, and compact electronic systems. It is often associated with brands like **Dialog Semiconductor** (now part of Renesas Electronics). Below is a detailed breakdown of its electronic characteristics and functional components. --- ## 1. Core Specifications The API9221FCG is designed for high efficiency and minimal PCB footprint. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Multi-channel PMIC (Power Management IC) | | **Input Voltage Range** | 2.5V to 5.5V (Standard Li-ion range) | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Communication** | I2C / Serial Interface for dynamic voltage scaling | | **Target Application** | Smartphones, IoT devices, and high-end wearables | --- ## 2. Key Internal Components The IC integrates several power regulation stages into a single silicon die: ### A. Buck Converters (Step-Down) * **Purpose:** Provides high-efficiency power to the CPU, GPU, and system memory. * **Features:** Synchronous rectification to reduce heat and improve battery life. Supports Dynamic Voltage Scaling (DVS) to adjust power based on processor load. ### B. LDO Regulators (Low Dropout) * **Purpose:** Used for noise-sensitive components like RF (Radio Frequency) modules, cameras, and sensors. * **Features:** Low noise output and high Power Supply Rejection Ratio (PSRR). ### C. Protection Circuitry * **Over-Voltage Protection (OVP):** Prevents damage from voltage spikes. * **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures. * **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't operate when the battery is too low. --- ## 3. Pin Configuration & Integration Because this is a **WLCSP** package, the "pins" are actually tiny solder bumps on the bottom of the chip. ### Common Functional Blocks: 1. **VOUT:** Regulated output voltages for different system rails. 2. **VIN:** Primary power input from the battery or USB controller. 3. **SCL/SDA:** I2C clock and data lines for software-defined power management. 4. **GND:** System ground reference. 5. **EN (Enable):** Logic pins to turn specific rails on or off. --- ## 4. Typical Application Circuit ```mermaid graph LR Battery[Battery 3.7V] --> API9221[API9221 PMIC] API9221 --> CPU[Core Power 0.8V-1.2V] API9221 --> Memory[DDR Power 1.1V/1.8V] API9221 --> Sensor[Analog/RF 2.8V] I2C_Bus[Processor I2C] <--> API9221 ``` --- ## 5. Summary of Advantages * **High Integration:** Reduces the need for external inductors and capacitors. * **Efficiency:** Uses switching regulators for high-current rails to maximize battery life. * **Small Form Factor:** The FCG suffix usually denotes a specific ball-pitch or package size optimized for ultra-thin electronics.
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C register addresses for the API9221FCG?
    • ⤷ What is the maximum current output per buck channel for this IC?
    • ⤷ Are there recommended alternative PMICs with similar footprints?