データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL0100-R

  • AI
    ## APL0100-R: Technical Overview The **APL0100-R** is a specialized integrated circuit (IC) primarily used in the consumer electronics industry, specifically within the hardware architecture of Apple devices (notably earlier versions of the iPhone and iPad). It functions as a **Power Management Integrated Circuit (PMIC)** or a secondary power controller. ### 1. General Specifications | Component Feature | Description | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) | | **Package Type** | BGA (Ball Grid Array) | | **Primary Function** | Voltage regulation and power distribution | | **Host Integration** | Apple proprietary SOCs (System on Chip) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Core Functional Parts The internal circuitry of the APL0100-R is designed to manage high-efficiency power delivery. Key electronic sections include: #### A. Voltage Regulators (LDOs and Bucks) The chip contains multiple **Low Dropout Regulators (LDOs)** and **Buck Converters**. These are responsible for stepping down the battery voltage (usually around 3.8V) to lower, stable voltages required by the CPU, GPU, and RAM (often between 0.8V and 1.8V). #### B. Power Sequencing Logic To prevent hardware damage, electronic components must power on in a specific order. The APL0100-R contains logic circuits that handle the timing of power rails during the device's boot sequence. #### C. Thermal Protection The IC includes internal thermal sensors. If the component exceeds its operating temperature threshold, it triggers a shutdown mechanism to protect the logic board from permanent damage. --- ### 3. Common Usage and Troubleshooting In the context of electronics repair and engineering, the APL0100-R is often discussed regarding the following scenarios: 1. **Short Circuits:** Because it handles high-current lines, a failure in an internal capacitor or transistor within the chip can cause a "no power" state for the entire device. 2. **BGA Rework:** Since it is a Ball Grid Array chip, replacing it requires specialized tools like a hot air station and soldering stencil to "reball" the connections. 3. **Communication Interface:** It typically communicates with the main processor via the **I2C (Inter-Integrated Circuit)** protocol to report status and receive power-state commands. --- ### 4. Implementation Example ```c // Conceptual representation of a power initialization sequence // that might interact with a PMIC like the APL0100-R void initialize_system_power() { if (check_pmic_status(APL0100_R_ADDR)) { set_voltage_rail(CPU_CORE, 1.05); // Set CPU voltage set_voltage_rail(GPU_CORE, 0.95); // Set GPU voltage enable_ldo(LDO_3, 1.8); // Enable NAND/RAM power } } ```
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the APL0100-R in mobile devices?
    • ⤷ How does the APL0100-R communicate with the main CPU?
    • ⤷ What are the soldering requirements for replacing a BGA PMIC?