データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL0165-R

  • AI
    ## Overview of the APL0165-R The **APL0165-R** is a high-performance, current-mode Pulse Width Modulation (PWM) controller IC. It is primarily used in switching power supplies, specifically for **AC/DC offline converters**. It is designed to minimize system cost and improve energy efficiency. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Package Type** | DIP-8 or SOP-8 | | **Supply Voltage (VCC)** | 10V to 26V (Typical) | | **Switching Frequency** | 65 kHz (Fixed) | | **Control Mode** | Current Mode | | **Standby Power** | Low (< 0.3W at no load) | | **Startup Current** | Very Low (typically ~20µA) | --- ### 2. Main Functional Components The internal architecture of the APL0165-R consists of several critical blocks: * **Soft Start Logic:** Gradually increases the peak inductor current during startup to reduce stress on the transformer and power components. * **Frequency Shuffling:** The IC incorporates a frequency dithering technique to improve **EMI (Electromagnetic Interference)** performance by spreading the noise spectrum. * **Built-in Slope Compensation:** This prevents sub-harmonic oscillations, which are common in current-mode PWM controllers when the duty cycle exceeds 50%. * **Extended Burst Mode:** When the load is light, the IC enters burst mode to minimize switching losses, enhancing efficiency. --- ### 3. Pin Configuration and Functions The APL0165-R typically utilizes an 8-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | **GND** | Ground reference for the IC. | | **2** | **FB** | Feedback pin; receives error signals from the optocoupler to regulate output voltage. | | **3** | **CS** | Current Sense; monitors the primary current through a sense resistor. | | **4** | **RI** | Internal Oscillator setting (usually connected to a resistor to set frequency). | | **5** | **VCC** | Power supply input for the controller. | | **6** | **GATE** | Output drive signal for the external Power MOSFET. | | **7 & 8** | **NC/Drain** | Often used for high voltage sensing or left unconnected depending on specific sub-variants. | --- ### 4. Protection Features The APL0165-R is highly integrated with protection circuits to prevent damage to the power supply: 1. **UVLO (Under Voltage Lock Out):** Ensures the IC only operates when VCC is high enough to drive the MOSFET safely. 2. **OCP (Over Current Protection):** Cycles the PWM if the current exceeds a specific threshold. 3. **OLP (Over Load Protection):** Detects if the output is drawing too much power for a sustained period. 4. **OTP (Over Temperature Protection):** Automatically shuts down the IC if internal temperatures exceed safe limits. --- ### 5. Common Applications * **Power Adapters:** Laptops, printers, and portable electronics. * **Open Frame SMPS:** Used in internal industrial or consumer device power supplies. * **Set-Top Boxes:** Providing stable DC power from an AC source.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between APL0165-R and APL0165-L?
    • ⤷ Can you provide a typical application circuit diagram for this IC?
    • ⤷ How does the frequency shuffling feature specifically help with EMI compliance?