データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL0450-R

  • AI
    ## Analysis of the APL0450-R Electronic Component The **APL0450-R** is a specific electronic component, typically categorized as a **Power Management Integrated Circuit (PMIC)** or more specifically, a **High-Side Power Switch**. These components are frequently found in consumer electronics like motherboards, notebooks, and USB peripherals to manage power distribution and provide protection. ### 1. Key Technical Specifications The following table outlines the general characteristics of the APL0450 series: | Feature | Specification | | :--- | :--- | | **Component Type** | Power Distribution Switch | | **Input Voltage Range** | 2.7V to 5.5V | | **Continuous Load Current** | 0.5A (Typical) | | **On-Resistance ($R_{DS(ON)}$)** | ~100m$\Omega$ to 140m$\Omega$ | | **Output Type** | Active High / Active Low (Model dependent) | | **Package Type** | SOT-23-5 / SOT-23-6 | | **Protection Features** | Over-current, Short-circuit, Thermal Shutdown | --- ### 2. Functional Description The APL0450-R acts as a "gatekeeper" for power rails. Its primary roles include: * **Current Limiting:** If the device connected to the output draws more current than the rated limit (e.g., a shorted USB device), the APL0450-R restricts the current to prevent damage to the main power supply. * **Soft Start:** It limits "inrush current" when a device is first turned on, preventing voltage dips on the main power bus. * **Fault Reporting:** It often includes an `OC` (Over-Current) pin that pulls low to signal the system microcontroller that a power fault has occurred. * **Thermal Protection:** If the chip gets too hot due to excessive load, it will automatically shut down until it cools down. --- ### 3. Pin Configuration (Typical SOT-23-5) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage (Supply) | | 2 | **GND** | Ground | | 3 | **EN / ENB** | Enable (Turns the switch ON/OFF) | | 4 | **FLG / OC** | Fault Flag (Indicates over-current or over-temperature) | | 5 | **VOUT** | Output Voltage to Load | --- ### 4. Typical Applications * **USB Ports:** Protecting the 5V rail from downstream shorts. * **Notebook PCs:** Managing power rails for peripheral components. * **Hot-Swap Supplies:** Allowing modules to be plugged in while the system is running. --- ### 5. Part Number Suffixes In the part number `APL0450-R`: * **APL:** Represents the manufacturer series (typically Anpec). * **0450:** The specific model number. * **-R:** Usually indicates the packaging format (e.g., **Tape & Reel**).
    ✨ Follow-up Questions
    • ⤷What is the difference between active-high and active-low enable pins in the APL0450 series?
    • ⤷ How does the over-current 'Flag' pin interact with a microcontroller?
    • ⤷ Can the APL0450-R be used for 12V power rails?