データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL0710-R

  • AI
    The **APL0710-R** is a specific electronic component, typically identified as a **Power Management Integrated Circuit (PMIC)** or a specialized **Voltage Regulator** often found in consumer electronics, particularly within the Apple device ecosystem (such as iPhones or iPads). --- ### 1. Technical Specifications While detailed public datasheets for proprietary "APL" prefixed chips are often restricted, the general specifications for this class of component include: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Management IC / Buck Regulator | | **Package Type** | BGA (Ball Grid Array) | | **Input Voltage** | 3.3V to 5V (Standard Logic Levels) | | **Primary Function** | Voltage Step-down / Power Distribution | | **Application** | Logic Board Power Rails | ### 2. Primary Functions The APL0710-R serves several critical roles on a circuit board: * **Voltage Regulation:** It converts a higher input voltage (from the battery or charging circuit) into a stable, lower voltage required by sensitive components like the CPU, RAM, or NAND flash. * **Power Sequencing:** It ensures that different parts of the processor power up in the correct order to prevent latch-up or data corruption. * **Thermal Protection:** It often includes internal circuitry to shut down or throttle power if temperatures exceed safe operating limits. ### 3. Common Usage & Repair Context In the electronics repair industry, the APL0710-R is most frequently discussed in the context of: 1. **Motherboard Micro-Soldering:** Due to its BGA footprint, replacing this chip requires specialized tools (Hot air station, flux, and high-precision tweezers). 2. **Failure Symptoms:** * Device not powering on. * Short circuits on the "Main" or "VCC" power rails. * Excessive heat localized to one area of the logic board. 3. **Compatibility:** These chips are often non-interchangeable with other versions (e.g., APL0710 is not necessarily the same as APL0810) due to specific firmware or pin-out configurations. --- ### 4. Implementation Example ```c // Pseudo-code logic for how a PMIC interacts with a System if (Power_Button_Pressed == HIGH) { APL0710_Enable_Rail(1.8V); // Logic Rail APL0710_Enable_Rail(1.1V); // Core Rail Check_Power_Good_Signal(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the typical failure symptoms of the APL0710-R in mobile devices?
    • ⤷ What tools are required to replace a BGA-packaged APL0710-R chip?
    • ⤷ Can the APL0710-R be substituted with a different part number?