データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL0760-R

  • AI
    The **APL0760-R** is a specific type of **Power Inductor**, commonly used in DC-DC converter circuits, power supplies, and high-current electronic applications. It is designed to store energy in a magnetic field and filter noise in power management systems. --- ## 1. Technical Specifications Below are the typical characteristics associated with the APL0760 series inductors: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance Range** | Varies (check specific suffix, e.g., 0.47µH to 10µH) | | **Current Rating** | High (often 10A to 30A depending on value) | | **DCR (DC Resistance)** | Low (to minimize power loss/heat) | | **Package Size** | ~7.0mm x 6.0mm | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Features * **Magnetic Shielding:** The "shielded" construction prevents electromagnetic interference (EMI) from affecting surrounding components on the PCB. * **High Saturation Current:** It is designed to handle high peak currents without the inductance dropping significantly (saturation). * **Low Profile:** The "0760" designation usually refers to the footprint (approx. 7x6mm), making it suitable for compact modern electronics. * **SMT Design:** Surface Mount Technology (SMT) leads allow for automated pick-and-place assembly. --- ## 3. Common Applications The APL0760-R is primarily found in stages where voltage regulation is required: 1. **Motherboards & GPUs:** Used in the VRM (Voltage Regulator Module) phases to provide stable power to CPUs/GPUs. 2. **Laptops & Tablets:** Filtering power in battery-operated devices where efficiency is critical. 3. **DC/DC Converters:** Acts as the energy storage element in buck (step-down) or boost (step-up) converters. 4. **Telecommunications:** Used in networking hardware to manage high-current power rails. --- ## 4. Part Number Breakdown While naming conventions vary by manufacturer, "APL0760-R" typically follows this logic: * **APL:** Series prefix (often related to the manufacturer's product line). * **0760:** Physical dimensions (roughly 7.0mm width/length and 6.0mm height). * **R:** Often indicates "RoHS Compliant" or "Tape and Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What is the saturation current rating for a 1.0uH APL0760 inductor?
    • ⤷ How does a shielded inductor differ from an unshielded one in EMI performance?
    • ⤷ Which manufacturers produce equivalents to the APL0760 series?