データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL0806P-R60M

  • AI
    The **APL0806P-R60M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "molded" inductors designed for high efficiency and compact footprints. --- ## 1. Technical Specifications The alphanumeric code provides specific details about the component's electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.60 µH (600nH) | The "R60" signifies 0.60 microhenries. | | **Tolerance** | ±20% | The "M" suffix indicates a 20% tolerance range. | | **Case Size** | ~ 8.0 x 8.0 mm | The "0806" refers to the physical dimensions (LxW). | | **Current Rating (Isat)** | ~ 25A - 35A | High saturation current capability. | | **DCR (DC Resistance)** | Very Low | Designed to minimize power loss via heat. | | **Core Material** | Composite / Iron Powder | Molded construction for low acoustic noise. | --- ## 2. Key Features ### A. Molded Construction The inductor is manufactured by compressing metallic powder around the copper coil. This creates a "shielded" structure that: * Reduces **Electromagnetic Interference (EMI)**. * Eliminates the "buzzing" sound (acoustic noise) common in traditional inductors. * Provides high resistance to mechanical shock and vibration. ### B. High Saturation Current ($I_{sat}$) The $I_{sat}$ is the current level at which the inductance drops by a specific percentage (usually 30%). The APL0806P-R60M is designed to handle high current spikes without the core "saturating," which would otherwise cause circuit failure. ### C. Low DCR By using flat wire or thick round copper, the internal resistance is kept extremely low. This ensures the component stays cool even when high current passes through it, increasing the overall efficiency of the power supply. --- ## 3. Typical Applications This part is primarily found in high-performance power management modules: 1. **Voltage Regulator Modules (VRMs):** Found on PC motherboards and server cards to power CPUs/GPUs. 2. **DC-DC Converters:** Point-of-Load (PoL) converters in telecommunications. 3. **Battery Powered Devices:** High-efficiency power stages for laptops or industrial tablets. --- ## 4. Identifying the Part Code To better understand similar parts, here is the breakdown of the naming convention: * **APL**: Series prefix (often specific to the manufacturer, like Delta or Cyntec). * **0806**: Physical footprint (8.8mm x 8.3mm roughly, depending on height). * **P**: Product type/Series variant (e.g., High Power). * **R60**: Inductance value ($R$ acts as a decimal point, so $0.60$). * **M**: Tolerance ($\pm20\%$).
    ✨ Follow-up Questions
    • ⤷ What are the typical thermal limits or operating temperature ranges for this type of molded inductor?
    • ⤷ How does the 'R60' value compare to a '1R0' value in terms of physical size and current capacity?
    • ⤷ Which manufacturers are the primary producers of the APL series inductors?