データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL0833-R

  • AI
    The **APL0833-R** is a specific electronic component typically categorized as a **Power Management Integrated Circuit (PMIC)**, specifically a **Low Dropout (LDO) Linear Regulator**. These components are essential in modern electronics for providing stable, noise-free voltage to sensitive integrated circuits. --- ## 1. Technical Specifications The APL0833-R is designed for high-efficiency power delivery in space-constrained applications. | Feature | Specification | | :--- | :--- | | **Component Type** | LDO Linear Regulator | | **Output Voltage** | Typically Fixed or Adjustable (depending on sub-variant) | | **Output Current** | Usually rated for ~300mA to 500mA | | **Dropout Voltage** | Low (allows for high efficiency even when input is close to output) | | **Package Type** | SOT-23 or SOT-89 (Surface Mount Device) | | **Protection Features** | Over-temperature, Over-current, Short-circuit | --- ## 2. Pin Configuration & Functionality While specific pinouts can vary by manufacturer (most commonly **Anpec Electronics**), a standard 3-pin or 5-pin configuration generally includes: 1. **VIN (Input):** The unregulated power supply input. 2. **GND (Ground):** The common reference point. 3. **VOUT (Output):** The regulated, stable DC voltage. 4. **EN (Enable - if 5-pin):** A logic signal to turn the regulator on or off to save power. 5. **ADJ/NC:** Used for setting voltage levels or left unconnected. --- ## 3. Key Electronic Characteristics The "R" suffix in the part number often denotes specific packaging (like **Tape and Reel**) or a specific **Lead-Free/RoHS compliant** material status. ### A. Low Noise Performance Linear regulators like the APL0833-R are preferred over switching regulators in audio or RF circuits because they do not generate high-frequency electromagnetic interference (EMI). ### B. Thermal Management The device converts the difference between input and output voltage into heat. The formula for power dissipation is: `P = (Vin - Vout) * Iout` *If the voltage drop is high, the chip will require proper PCB copper trace areas for heat sinking.* --- ## 4. Typical Applications The APL0833-R is commonly found in the following electronic devices: * **Mobile Phones:** Regulating power for SIM cards or sensors. * **Computer Peripherals:** Stable power for USB controllers. * **Battery Powered Devices:** Providing 3.3V or 1.8V logic power from a Li-ion battery. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the APL0833-R?
    • ⤷ How does the APL0833-R compare to a switching regulator in terms of efficiency?
    • ⤷ Which manufacturer produces the APL0833-R series?