データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APL2090-R

  • AI
    The **APL2090-R** is an N-Channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily used for power management and switching applications. It is designed to handle high currents with minimal power loss. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the APL2090-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 20 | Volts (V) | | **Gate-Source Voltage** | $V_{GSS}$ | ±12 | Volts (V) | | **Continuous Drain Current** | $I_D$ | 0.9 - 1.2 | Amperes (A) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~250 - 450 | $m\Omega$ (at 4.5V) | | **Threshold Voltage** | $V_{GS(th)}$ | 0.5 - 1.2 | Volts (V) | | **Package Type** | SOT-23 | Small Outline Transistor | - | --- ### 2. Functional Features * **Low On-Resistance:** Its low $R_{DS(on)}$ ensures that when the transistor is "ON," there is very little heat dissipation and high energy efficiency. * **Low Threshold Voltage:** Since the $V_{GS(th)}$ is low (often under 1.5V), it is compatible with low-voltage logic circuits, such as those powered by 1.8V or 2.5V microcontrollers. * **Fast Switching Speed:** The device is capable of high-speed transitions, making it suitable for PWM (Pulse Width Modulation) applications. * **Surface Mount Design:** Usually comes in a **SOT-23** package, which is ideal for compact, high-density PCB layouts. --- ### 3. Pin Configuration The APL2090-R follows the standard SOT-23 pinout: 1. **Gate (G):** Controls the "On/Off" state of the MOSFET. 2. **Source (S):** Connected to the ground or the source of the current. 3. **Drain (D):** Connected to the load being switched. --- ### 4. Typical Applications The APL2090-R is commonly found in consumer electronics, including: * **Load Switching:** Turning peripheral devices on/off to save battery. * **Battery Protection:** Integrated into BMS (Battery Management System) circuits for portable devices. * **DC-DC Converters:** Small-scale power conversion. * **LED Drivers:** Controlling small LED arrays in mobile devices. ---
    ✨ Follow-up Questions
    • ⤷ How does the APL2090-R compare to the SI2302 N-Channel MOSFET?
    • ⤷ What is the maximum power dissipation (Pd) for this component?
    • ⤷ Can this MOSFET be driven directly by a 3.3V Arduino or ESP32 pin?