データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS0554.5-R

  • AI
    The **APLS0554.5-R** is a specific type of high-performance **Peltier Module** (also known as a Thermoelectric Cooler or TEC). These components are solid-state heat pumps used for precise temperature control in electronic and industrial applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the typical electrical and physical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Material** | Bismuth Telluride ($Bi_2Te_3$) | | **Current ($I_{max}$)** | ~5.0 to 6.0 Amperes | | **Voltage ($V_{max}$)** | ~15.4 Volts | | **Max Temp Difference ($\Delta T_{max}$)** | $\geq 68^\circ C$ | | **Internal Resistance** | ~2.5 - 3.0 $\Omega$ | | **Dimensions** | 40mm x 40mm (Standard) | --- ### 2. Functional Components The APLS0554.5-R consists of several internal layers that allow it to function: 1. **Ceramic Substrates (Top/Bottom):** Usually made of Alumina ($Al_2O_3$). These act as electrical insulators but thermal conductors. 2. **P-N Junctions:** Dozens of tiny semiconductor "pellets" are connected electrically in series and thermally in parallel. 3. **Copper Tabs:** These interconnect the semiconductor pellets to form the electrical circuit. 4. **Sealant ("R" Suffix):** The "-R" often denotes a specific **Resin or Silicone seal** around the edges. This protects the internal components from moisture/condensation, which is critical when the module reaches sub-zero temperatures. --- ### 3. Operational Principles The device operates on the **Peltier Effect**: * **Heat Pumping:** When a DC current flows through the device, heat is moved from one side (the cold side) to the other (the hot side). * **Reversibility:** If you reverse the polarity of the DC current, the "hot" and "cold" sides will swap. This allows for extremely precise temperature stabilization (to within 0.01°C). --- ### 4. Common Applications * **Laser Diode Cooling:** Keeping high-power lasers at a constant wavelength. * **CCD Cameras:** Reducing thermal noise in high-end imaging sensors. * **PCR Thermal Cyclers:** Rapidly heating and cooling DNA samples in laboratory equipment. * **Small Refrigeration:** Portable wine coolers or medical transport boxes. --- ### 5. Installation Requirements To prevent the part from burning out, the following electronic design rules must be followed: * **Heat Sinking:** The "Hot" side must be attached to a substantial heatsink. Without heat dissipation, the module will overheat and fail within seconds. * **PWM Control:** If using Pulse Width Modulation for control, a high frequency (at least 1kHz) or an LC filter is recommended to provide "smooth" DC, as high ripple current reduces efficiency. * **TIM:** Thermal Interface Material (thermal grease) must be used on both surfaces.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the APLS0554.5-R?
    • ⤷ How do I calculate the required heatsink size for this Peltier module?
    • ⤷ What is the difference between the 'R' version and non-sealed versions?