データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS0700-R

  • AI
    The **APLS0700-R** is a high-performance, single-output AC/DC power supply module commonly used in telecommunications and industrial networking hardware (often associated with brands like ADTRAN). --- ## 1. Core Technical Specifications The electrical architecture of the APLS0700-R is designed for high efficiency and reliability in mission-critical environments. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Auto-ranging) | | **Input Frequency** | 50 / 60 Hz | | **Output Voltage** | +12V DC (Standard) | | **Max Output Power** | 700 Watts | | **Form Factor** | Hot-Swappable Plug-in Module | | **Cooling** | Integrated Internal Fan (Front-to-Back Airflow) | --- ## 2. Key Electronic Sub-assemblies The internal circuitry consists of several critical stages that manage power conversion and safety: ### A. EMI/RFI Filtering Stage * **Components:** X and Y capacitors, common-mode chokes. * **Function:** Filters electromagnetic interference from the AC line and prevents the power supply's high-frequency switching noise from leaking back into the grid. ### B. Active Power Factor Correction (PFC) * **Components:** Boost converter circuit, MOSFETs, and large bulk electrolytic capacitors. * **Function:** Ensures the current waveform is in phase with the voltage waveform, maximizing power efficiency and reducing harmonic distortion. ### C. DC-DC Converter (Switching Stage) * **Method:** High-frequency Pulse Width Modulation (PWM). * **Function:** Steps down the high-voltage DC from the PFC stage to the regulated 12V output. This stage uses high-speed switching transistors (MOSFETs) to maintain high efficiency (>90%). ### D. Monitoring and Control Logic * **I2C / PMBus Interface:** Allows the host system to monitor real-time data such as temperature, fan speed, current draw, and voltage levels. * **Microcontroller:** Manages the "Soft Start" sequence and handles fault protection. --- ## 3. Protection Mechanisms To protect both the power supply and the connected networking equipment, the APLS0700-R includes several hardwired safety features: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold (e.g., >13.5V). 2. **OCP (Over Current Protection):** Prevents damage during a short circuit or excessive load. 3. **OTP (Over Temperature Protection):** Sensors monitor internal heat-sinks; the unit throttles or shuts down if the fan fails or ambient temperature is too high. 4. **Hot-Swap Logic:** Includes an "Orbit" or "Short Pin" mechanism that ensures the power rails are stable before the data pins engage. --- ## 4. Physical Interface * **Input:** Standard C14 IEC AC Inlet. * **Output:** Gold-plated blade connectors (Bus bars) for high-current DC delivery and a multi-pin header for status signaling (PS_ON, PW_OK, I2C).
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the APLS0700-R management interface?
    • ⤷ How does the efficiency rating of the APLS0700-R compare to 80 Plus Platinum standards?
    • ⤷ What is the mean time between failures (MTBF) for this specific module?