データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS1595-R

  • AI
    ## Overview of APLS1595-R The **APLS1595-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to a user. --- ### Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the APLS1595-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | 1.6N to 2.5N (Typical) | | **Contact Rating** | 50mA, 12V DC | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ (100V DC) | | **Travel Distance** | 0.25mm ± 0.1mm | | **Operating Life** | ~100,000 to 500,000 Cycles | --- ### Core Electronic Parts & Construction The switch is composed of several internal parts that work together to complete an electrical circuit: 1. **Actuator (Button):** The top part that the user presses. In the APLS series, this is usually made of high-temperature plastic or rubber. 2. **Contact Dome (Snap Plate):** This is the heart of the switch. It is a thin, metal alloy disc that "snaps" when pressed, providing the tactile click and making the electrical connection between the terminals. 3. **Base (Housing):** An insulating plastic frame that holds the internal components and provides the structure for the terminals. 4. **Terminals:** Lead-free, silver-plated or gold-plated copper alloy pins that are soldered to the Printed Circuit Board (PCB). 5. **Cover/Film:** A protective metal or plastic shield that secures the dome and actuator inside the housing. --- ### Typical Circuit Application In most electronic designs, the APLS1595-R is used as a digital input. Below is a simple representation of how it is wired to a microcontroller: ```cpp // Logic Diagram [VCC (3.3V/5V)] --- [Resistor (10k)] --- [MCU Input Pin] | [APLS1595-R Switch] | [GND] ``` * **Operation:** When the switch is open, the MCU reads "HIGH". When the button is pressed, the circuit completes to Ground, and the MCU reads "LOW". --- ### Key Features * **Low Profile:** Designed for slim devices like smartphones and remote controls. * **High Reliability:** The mechanical dome ensures a consistent tactile "click" throughout its lifespan. * **Reflow Soldering Compatible:** Built to withstand the high temperatures of automated PCB assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and footprint for the APLS1595-R on a PCB?
    • ⤷ Can you provide the specific datasheet manufacturer for this part number?
    • ⤷ What are the common alternatives to the APLS1595-R for industrial applications?