データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS2150-R

  • AI
    The **APLS2150-R** is a high-performance, single-channel power distribution switch (load switch) designed by Alpha & Omega Semiconductor (AOS). It is primarily used to protect and manage power rails in computing and consumer electronics. ### 1. Key Technical Specifications Below are the primary electronic characteristics of the APLS2150-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 2.5V to 5.5V | Optimized for 3.3V and 5V power rails. | | **On-Resistance ($R_{DS(ON)}$)** | ~80 mΩ | Low resistance to minimize power dissipation. | | **Current Limit** | 1.5A (Typical) | Limits output current to protect the source. | | **Quiescent Current** | 45 µA (Typical) | Low power consumption when enabled. | | **Package Type** | SOT-23-5 | Small surface-mount footprint for space-saving. | | **Reverse Current Blocking** | Yes | Prevents current flowing from output to input. | --- ### 2. Functional Components The internal circuitry of the APLS2150-R consists of several critical stages: 1. **N-Channel MOSFET:** The main switching element. Despite being an N-channel, it includes an internal **Charge Pump** to elevate the gate voltage above the input voltage, ensuring the switch is fully turned on with low resistance. 2. **Current Limit Circuitry:** Monitors the load current. If the load exceeds the 1.5A threshold, the device transitions into a constant-current mode to prevent damage to the motherboard or power supply. 3. **Thermal Shutdown:** If the chip temperature exceeds approximately 150°C due to an overcurrent or short circuit, the device automatically turns off. 4. **Soft-Start:** Features a controlled rise time for the output voltage to reduce "inrush current" when the load is first turned on. --- ### 3. Pin Configuration The device uses a standard 5-pin SOT-23 layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Output voltage (connected to the load). | | 2 | **GND** | Ground reference. | | 3 | **FLG** | Fault Flag (Open-drain output; goes low during overcurrent/over-temp). | | 4 | **EN** | Enable pin (High or Low depending on the specific sub-model). | | 5 | **IN** | Input voltage (Power source). | --- ### 4. Typical Applications The APLS2150-R is commonly found in the following electronic environments: * **USB Power Management:** Protecting USB ports from short circuits or excessive current draw by peripherals. * **Hot-Swap Supplies:** Used in systems where modules are plugged in while the power is active. * **Battery Powered Devices:** Providing a controlled disconnect for sub-circuits to save power.
    ✨ Follow-up Questions
    • ⤷What is the difference between the APLS2150-R and its active-low 'L' version?
    • ⤷ How does the 'FLG' pin react during a thermal shutdown event?
    • ⤷ What is the typical rise time for the soft-start feature in this IC?