データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS2195-R

  • AI
    The **APLS2195-R** is a high-performance, single-channel power distribution switch (Load Switch) designed for rail rail protection and power management. It is commonly used in USB ports, laptops, and peripheral devices to provide protection against overcurrent and short circuits. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the APLS2195-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 2.7V to 5.5V | Ideal for 3.3V and 5V power rails. | | **Continuous Current** | 1.5A to 2.0A | Typical maximum load capacity. | | **On-Resistance ($R_{DS(ON)}$)** | ~75 mΩ | Low resistance to minimize power loss. | | **Current Limit** | Fixed/Adjustable | Protects the source from excessive draw. | | **Quiescent Current** | ~50 µA | Very low power consumption when active. | | **Package Type** | SOT-23-5L / SOP-8 | Small footprint for compact PCB designs. | --- ### 2. Core Functional Components Inside the APLS2195-R, several electronic sub-systems work together to manage power: * **N-Channel MOSFET:** The primary switching element. It has low "on-resistance" to ensure high efficiency. * **Charge Pump:** Since it uses an N-Channel MOSFET as a high-side switch, an internal charge pump boosts the gate voltage above the input voltage to fully turn on the transistor. * **Current Limit Circuit:** Monitors the output current. If it exceeds the threshold, the device restricts the current to prevent damage to the power supply. * **Thermal Shutdown:** An internal temperature sensor turns the switch off if the silicon die exceeds a safe temperature (usually around 150°C). * **Error Flag ($\overline{FLG}$):** An open-drain output that pulls low to signal a fault condition (overcurrent or over-temperature) to a microcontroller. --- ### 3. Pin Configuration and Functions Typical pinout for the SOT-23-5 package: 1. **GND:** Ground reference. 2. **IN:** Input voltage (source). 3. **OUT:** Output voltage (to load). 4. **EN / ENB:** Enable pin (Active High or Active Low versions). 5. **FLG:** Fault indicator (requires a pull-up resistor). --- ### 4. Application Use Cases * **USB Power Management:** Protecting USB ports from short-circuited cables. * **Hot-Swap Supplies:** Preventing voltage brownouts when a peripheral is plugged in. * **Battery Powered Devices:** Used to cut power to specific modules (GPS, Wi-Fi) to save energy when not in use. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between active-high and active-low versions of this chip?
    • ⤷ How do I calculate the pull-up resistor value for the FLG pin?
    • ⤷ What are the common alternatives to the APLS2195-R for 5V power switching?