データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS2332.5-R

  • AI
    The **APLS2332.5-R** is a specific surface-mount electronic component, typically categorized as a **Microstrip Bandpass Filter** or an **Antenna/RF Filter**. These components are essential in wireless communication circuits to allow specific frequencies to pass while rejecting interference. --- ### 1. Key Technical Specifications Based on the part number nomenclature (which often indicates frequency and physical size), here are the typical specifications for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Center Frequency ($f_0$)** | 2332.5 MHz | | **Bandwidth** | Usually ± 12.5 MHz to 25 MHz | | **Insertion Loss** | < 2.5 dB | | **Impedance** | 50 $\Omega$ (Standard) | | **Mounting Type** | Surface Mount Device (SMD) | | **Packaging** | Tape & Reel (indicated by the "-R") | --- ### 2. Functional Role in Electronics The APLS2332.5-R acts as a "gatekeeper" for radio frequency signals. Its primary functions include: * **Frequency Selection:** It is tuned specifically to the **2.3 GHz band**, which is commonly used for Satellite Radio (SDARS), LTE-TDD, or specific Wi-Fi/ISM bands. * **Noise Reduction:** It filters out "out-of-band" noise that could interfere with the receiver's sensitivity. * **Harmonic Suppression:** In transmitter paths, it prevents the broadcasting of unwanted harmonics that could violate FCC or international regulations. --- ### 3. Physical Construction These parts are usually manufactured using **LTCC (Low-Temperature Co-fired Ceramic)** technology or high-quality dielectric materials. * **Metallization:** The internal layers consist of silver or copper conductors printed on ceramic sheets. * **Footprint:** The "23" in the prefix often refers to the metric dimensions (e.g., 2.0 x 3.0 mm or similar small-form factors). * **Termination:** The pads are typically gold or tin-plated for reliable soldering during the Reflow process. --- ### 4. Common Applications You will find the APLS2332.5-R in the following devices: 1. **Satellite Radio Receivers:** Specifically for SiriusXM hardware operating in the 2.3 GHz range. 2. **Wireless Base Stations:** To isolate specific communication channels. 3. **IoT Modules:** High-performance sensors requiring clean RF environments. ---
    ✨ Follow-up Questions
    • ⤷What are the specific soldering temperature profiles for LTCC filters like the APLS2332.5-R?
    • ⤷ How does the insertion loss of this filter affect the overall link budget of an RF system?
    • ⤷ Can this component be used in high-power transmitter stages or is it limited to receivers?