データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS2385-R

  • AI
    The **APLS2385-R** is a high-performance **Optical Fingerprint Sensor** module commonly used in biometric authentication systems for smartphones, security devices, and IoT hardware. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Optical Fingerprint Sensor | | **Package Type** | COB (Chip on Board) / Module | | **Interface** | SPI (Serial Peripheral Interface) | | **Resolution** | 508 DPI (Typical) | | **Supply Voltage** | 2.7V to 3.6V (IO: 1.8V compatible) | | **Detection Principle** | CMOS Image Sensing + Light Source | --- ## 2. Core Electronic Components The APLS2385-R is not a single component but a miniaturized system-on-chip (SoC) module consisting of several sub-parts: ### A. CMOS Image Sensor (CIS) The heart of the module is a high-sensitivity CMOS pixel array. When light reflects off a finger, the CIS converts the photons into electrical signals to create a 2D grayscale image of the fingerprint ridges and valleys. ### B. Integrated Analog Front-End (AFE) * **ADC (Analog-to-Digital Converter):** Converts the analog pixel data into digital values for processing. * **Programmable Gain Amplifier (PGA):** Adjusts signal strength to ensure clear images regardless of skin dryness or moisture. ### C. Digital Control Logic This section manages the communication protocol (SPI), frame rate control, and power management modes (Sleep, Standby, Active). ### D. Lens and Filter Assembly * **Micro-lens Array:** Focuses reflected light onto the CMOS pixels. * **IR Filter:** Often includes a filter to block ambient infrared noise, ensuring that only the intended light source is captured. --- ## 3. Pin Configuration and Connectivity The module typically utilizes an FPC (Flexible Printed Circuit) connector with the following primary pins: 1. **VDD/VDDIO:** Power supply for the core and I/O pins. 2. **GND:** System ground. 3. **SPI_MOSI / MISO / CLK / CS:** Data transmission pins for high-speed image transfer to the host processor. 4. **IRQ (Interrupt):** Signals the host MCU when a finger is detected or an image is ready. 5. **RESET:** Hardware reset pin to initialize the sensor. --- ## 4. Operational Workflow 1. **Detection:** The sensor stays in a low-power "Finger Detection" mode. 2. **Illumination:** Once a touch is sensed, an external or integrated LED (usually green or blue) illuminates the finger. 3. **Capture:** The CMOS array captures the reflected light pattern. 4. **Transmission:** The raw image data is sent via the SPI bus to the main processor. 5. **Matching:** The host CPU runs an algorithm to compare the captured data against stored templates. --- ## 5. Typical Applications * **Mobile Devices:** Under-display or side-mounted fingerprint scanners. * **Smart Locks:** Secure entry systems for homes or safes. * **Attendance Systems:** USB-based biometric logs.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the APLS2385-R in sleep vs active mode?
    • ⤷ Which microcontrollers are most compatible with the APLS2385-R SPI interface?
    • ⤷ Does this sensor require a specific wavelength of LED for optimal imaging?