データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLS2460-R

  • AI
    The **APLS2460-R** is a high-performance, asynchronous step-down (buck) switching regulator. It is designed for applications requiring high efficiency and a wide input voltage range, typically used in industrial and automotive power management systems. --- ### ## Technical Specifications Below are the primary electronic characteristics of the APLS2460-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 60V | | **Output Current** | Up to 0.6A (600mA) | | **Switching Frequency** | 100kHz to 1.2MHz (Adjustable) | | **Reference Voltage** | 0.8V ± 1.5% | | **Package Type** | SOT-23-6L | | **Operating Temperature** | -40°C to +125°C | --- ### ### Key Electronic Components & Features 1. **Wide Input Range (60V Support):** The internal power MOSFET is rated to handle up to 60V, making it ideal for 12V, 24V, and 48V systems where voltage spikes are common. 2. **Adjustable Switching Frequency:** The frequency can be adjusted using an external resistor. This allows engineers to optimize the trade-off between component size (high frequency) and power efficiency (low frequency). 3. **Current Mode Control:** It utilizes peak current mode control, which provides fast transient response and simplifies loop compensation. 4. **Integrated Protection Circuits:** * **Over-Current Protection (OCP):** Limits the peak current through the inductor to protect the IC. * **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Prevents the device from operating at insufficient input voltages. --- ### ### Typical Application Circuit To function correctly, the APLS2460-R requires specific external electronic components: ```markdown 1. Input Capacitor (Cin): Filters high-frequency noise from the power source. 2. Inductor (L1): Stores energy during the "on" cycle; size depends on switching frequency. 3. Catch Diode (D1): A Schottky diode is required for the asynchronous rectification. 4. Output Capacitor (Cout): Smooths the output voltage ripple. 5. Feedback Resistors (R1, R2): Sets the desired output voltage based on the 0.8V reference. ``` --- ### ### Pin Configuration (SOT-23-6) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground | | 2 | **SW** | Switching Node (connected to Inductor) | | 3 | **VIN** | Power Input | | 4 | **FB** | Feedback Input (Voltage sensing) | | 5 | **EN** | Enable Pin (High = On, Low = Off) | | 6 | **BST** | Bootstrap Pin (used to drive the high-side MOSFET) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum efficiency of the APLS2460-R under typical loads?
    • ⤷ How do I calculate the inductor value for a 24V to 5V conversion?
    • ⤷ Are there automotive-qualified (AEC-Q100) versions of this chip?