データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APLT1012.5-R

  • AI
    ## Overview of the APLT1012.5-R The **APLT1012.5-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a similar magnetic component used in high-frequency power conversion applications. ### 1. Key Technical Specifications While specifications can vary slightly by manufacturer, components in this series generally follow these parameters: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 12.5 (Nominal) | µH | | **Tolerance** | ±20% | % | | **Mounting Type** | Surface Mount (SMD) | - | | **Packaging** | Tape & Reel (indicated by "-R") | - | | **Operating Temp** | -40 to +125 | °C | --- ### 2. Physical Characteristics The nomenclature often describes the physical dimensions of the part: * **1012:** Refers to the footprint size, typically **10mm x 12mm**. * **Construction:** Usually consists of a ferrite core with a copper wire winding, often shielded to minimize Electromagnetic Interference (EMI). * **Terminations:** Solder-plated leads or pads designed for reflow soldering. ### 3. Electronic Functions The APLT1012.5-R serves several critical roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out ripples in current, ensuring a stable voltage output. 3. **Impedance Matching:** Used in high-frequency circuits to manage signal integrity. ### 4. Typical Applications * **Power Supplies:** Switch-mode power supplies (SMPS) for industrial electronics. * **Computing:** Voltage Regulator Modules (VRM) for servers and high-end workstations. * **Telecommunications:** DC-DC line cards and base station equipment. --- ### 5. Identification Code Breakdown ```text APLT 1012 .5 -R | | | | Series Size Value Packaging (Reel) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the APLT1012.5-R?
    • ⤷ Which manufacturers produce the APLT series inductors?
    • ⤷ Are there specific footprint recommendations for soldering this part?