データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APM32E103CEU6-R

  • AI
    The **APM32E103CEU6-R** is a high-performance 32-bit microcontroller manufactured by **Geehy Semiconductor**. It is designed as an enhanced alternative to the STMicroelectronics STM32F103 series, based on the Arm® Cortex®-M3 core but with specific optimizations for efficiency and security. --- ### ## Technical Specifications Overview The following table highlights the core electronic characteristics of the APM32E103CEU6-R: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **SRAM** | 128 KB | | **Voltage Range** | 2.0V to 3.6V | | **Package** | LQFP48 | | **Operating Temp** | -40°C to +105°C (Industrial Grade) | | **I/O Pins** | 37 | --- ### ### Key Electronic Modules & Functionality #### 1. Power Management and Efficiency The "E" in the part number signifies the **Enhanced** series. It features a low-power design with multiple sleep modes (Sleep, Stop, Standby). * **VBAT Support:** Allows the RTC (Real-Time Clock) and backup registers to remain powered by a battery when the main supply is lost. #### 2. Advanced Peripherals (Connectivity) The chip is equipped with a robust set of communication interfaces: * **USB & CAN:** Supports USB 2.0 Full Speed and CAN 2.0B simultaneously, which is an improvement over some standard F103 variants that share hardware buffers. * **U(S)ARTs:** Up to 3 interfaces for serial communication. * **I2C & SPI:** 2 x I2C and 2 x SPI (up to 18Mbit/s). #### 3. Analog-to-Digital Conversion (ADC) * **Dual ADCs:** Two 12-bit ADCs with a combined total of up to 10 external channels. * **Speed:** Conversion range of 0 to 3.6V with a high sampling rate, making it suitable for sensor data acquisition and motor control. #### 4. Security Features This model includes a hardware **96-bit unique ID** (UID) for each chip, which is essential for firmware encryption, licensing, and device tracking in commercial products. --- ### ### Pin Configuration Example For the **LQFP48** package, the electronic layout typically follows this logic: ```c // Example GPIO Initialization for APM32 in C void GPIO_Configuration(void) { GPIO_Config_T gpioConfig; // Enable Clock for GPIOA RCM_EnableAHBPeriphClock(RCM_AHB_PERIPH_GPIOA); // Configure PA5 as Output (e.g., for an LED) gpioConfig.pin = GPIO_PIN_5; gpioConfig.mode = GPIO_MODE_OUT_PP; gpioConfig.speed = GPIO_SPEED_50MHz; GPIO_Config(GPIOA, &gpioConfig); } ``` --- ### ### Comparison with STM32F103 While it is often considered "pin-to-pin" compatible, the APM32E103 has electronic advantages: 1. **Clock Speed:** Operates at **120 MHz**, whereas the standard STM32F103 operates at 72 MHz. 2. **Memory:** Offers larger SRAM (128KB) compared to the standard 20KB or 64KB found in common F103 medium-density chips. 3. **Process Node:** Built on a more modern process, resulting in lower power consumption at equivalent speeds.
    ✨ Follow-up Questions
    • ⤷ How does the APM32E103CEU6-R handle USB and CAN concurrency compared to the STM32F103?
    • ⤷ What are the specific power consumption figures in 'Stop' mode?
    • ⤷ Can I use the same IDE (like Keil or IAR) for programming this chip?