データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APM32F103T8U6-R

  • AI
    ## Overview of APM32F103T8U6-R The **APM32F103T8U6-R** is a 32-bit mainstream performance line microcontroller produced by **Geehy Semiconductor**. It is based on the **ARM® Cortex®-M3** core and is designed as a high-quality, cost-effective alternative to the STM32F103 series. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 96 MHz | | **Flash Memory** | 64 KB | | **SRAM** | 20 KB | | **Operating Voltage** | 2.0V to 3.6V | | **Package** | VFQFPN36 (6x6mm) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components & Architecture The internal electronics of this MCU are categorized into several functional blocks: #### A. Power Management * **Voltage Range:** Operates between 2.0V and 3.6V. * **Low Power Modes:** Supports Sleep, Stop, and Standby modes to optimize energy consumption in battery-powered devices. * **POR/PDR/PVD:** Includes Power-on Reset, Power-down Reset, and Programmable Voltage Detector to ensure stable operation during voltage fluctuations. #### B. Clock and Timing * **HSE/LSE:** Supports external high-speed (4-16MHz) and low-speed (32.768kHz) crystal oscillators. * **Internal RC:** Integrated 8MHz factory-trimmed RC and a 40kHz low-speed RC. * **PLL:** Internal Phase-Locked Loop allows the system to reach the maximum 96MHz clock speed from lower frequency sources. #### C. Peripherals and I/O * **I/O Ports:** 26 fast I/O ports, most of which are 5V tolerant. * **ADC:** Two 12-bit Analog-to-Digital Converters (up to 10 channels) with a conversion range of 0 to 3.6V. * **Communication Interfaces:** * 2 x USART * 2 x I2C * 2 x SPI * 1 x CAN 2.0B * 1 x USB 2.0 Full Speed --- ### 3. Application Use Cases Due to its small footprint (VFQFPN36) and high clock speed, it is commonly used in: 1. **Consumer Electronics:** Smart home controllers, handheld devices. 2. **Industrial Control:** PLC modules, motor control, and sensor hubs. 3. **Computer Peripherals:** Gaming mice, keyboards, and USB bridges. --- ### 4. Comparison Table: APM32 vs. STM32 The APM32F103 series is often compared to the STMicroelectronics counterpart. | Feature | APM32F103T8U6 | STM32F103T8U6 | | :--- | :--- | :--- | | **Max Frequency** | 96 MHz | 72 MHz | | **FPU** | No | No | | **Flash/RAM** | 64KB / 20KB | 64KB / 20KB | | **Pin Compatibility** | Yes | Yes | --- ### 5. Programming Interface To interact with the electronics of this chip, developers typically use standard ARM debugging tools. ```c // Example: Basic GPIO Initialization (CMSIS style) void GPIO_Config(void) { // Enable Clock for GPIOB RCM_EnableAPB2PeriphClock(RCM_APB2_PERIPH_GPIOB); GPIO_Config_T gpioConfig; gpioConfig.pin = GPIO_PIN_5; gpioConfig.mode = GPIO_MODE_OUT_PP; gpioConfig.speed = GPIO_SPEED_50MHz; GPIO_Config(GPIOB, &gpioConfig); } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the VFQFPN36 and LQFP48 packages for this MCU?
    • ⤷ Does the APM32F103 require a specific programmer or is it compatible with ST-Link?
    • ⤷ How does the 96MHz clock speed impact the power consumption compared to the standard 72MHz?