データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APM32F103TBU7-R

  • AI
    ## APM32F103TBU7-R Overview The **APM32F103TBU7-R** is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core. It is manufactured by Geehy Semiconductor and serves as a highly compatible alternative to the popular STM32F103 series. It is designed for applications requiring high reliability, low power consumption, and robust peripheral integration. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 96 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 20 KB | | **Operating Voltage** | 2.0V to 3.6V | | **Package Type** | QFN36 | | **Temperature Range** | -40°C to +105°C | | **I/O Pins** | 26 Pins | --- ### Core Electronic Characteristics #### 1. Processing Power While the standard Cortex-M3 architecture often runs at 72MHz, the APM32F103 series can reach up to **96MHz**, providing a performance boost for complex calculations or real-time processing tasks. #### 2. Advanced Peripherals The chip is equipped with a variety of integrated circuits to handle external communication and signal processing: * **ADCs:** Two 12-bit Analog-to-Digital Converters (up to 10 channels). * **Timers:** 1 Advanced Control Timer, 3 General Purpose Timers, and 2 Watchdog Timers. * **Communication Interfaces:** * 2x USART * 2x SPI * 2x I2C * 1x CAN 2.0B * 1x USB 2.0 FS (Full Speed) #### 3. Power Management * **Low Power Modes:** Supports Sleep, Stop, and Standby modes to extend battery life in portable devices. * **POR/PDR:** Integrated Power-on Reset (POR) and Brown-out Reset (PDR) circuits ensure stable operation during power fluctuations. --- ### Comparison: APM32 vs. STM32 The "TBU7" variant is often compared to the STM32F103T8U6/TBU6. Key advantages of the APM32 version include: 1. **Higher Clock Speed:** Supports 96MHz vs. the standard 72MHz. 2. **FPU/Enhanced Math:** Includes enhanced hardware support for specific mathematical operations. 3. **Temperature Grade:** The "7" in the suffix usually denotes an extended temperature range (up to 105°C), whereas many standard parts stop at 85°C. --- ### Typical Applications * **Industrial Control:** PLC, inverters, and motor control. * **Consumer Electronics:** Smart home hubs, handheld devices, and PC peripherals. * **Automotive Aftermarket:** OBD readers, GPS trackers, and dashboard displays. * **Medical Equipment:** Portable monitoring devices.
    ✨ Follow-up Questions
    • ⤷ What are the pin-to-pin compatibility differences between APM32F103TBU7 and STM32F103TBU6?
    • ⤷ How do I configure the USB 2.0 interface on this specific microcontroller?
    • ⤷ Which IDEs and compilers are supported for APM32 development?