データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APOT-114-R

  • AI
    The **APOT-114-R** is a specific model of an **Optical Power Tap** (also known as a Power Monitor or Tap Coupler), typically manufactured by companies like *Agiltron*. These components are critical in fiber optic networks for monitoring signal strength without interrupting the primary data flow. --- ### 1. Functional Specifications The APOT-114-R is designed to "tap" into a fiber optic line, diverting a small percentage of the light to a photodiode while allowing the majority of the signal to pass through. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Integrated Tap Monitor (Fiber Coupler + Photodiode) | | **Operating Wavelength** | Typically C-Band (1520nm - 1570nm) or L-Band | | **Tap Ratio** | Usually 1%, 3%, or 5% (depending on specific configuration) | | **Housing** | Compact cylindrical or rectangular package | | **Responsivity** | High (mA/W) to ensure accurate low-light detection | --- ### 2. Key Electronic Components The device is a hybrid of optical and electronic parts integrated into one small footprint: * **Integrated Photodiode (PD):** The heart of the electronic side. It converts the diverted light (the "tap") into a small electrical current (photocurrent). * **Splitter/Coupler:** A fused biconical taper or thin-film filter that physically splits the light. * **Electrical Leads:** Three or four pins (Anode, Cathode, and Ground) used to interface with a Transimpedance Amplifier (TIA) on a PCB. * **Dark Current Protection:** Internal shielding to minimize noise when no light is present. --- ### 3. Connection Pinout (Typical) While you should always consult the specific datasheet, most APOT series devices follow a standard photodiode pinout: ```markdown Pin 1: Photodiode Anode (+) Pin 2: Photodiode Cathode (-) / Common Pin 3: Case Ground (to reduce EMI) ``` --- ### 4. Applications The APOT-114-R is primarily used in the following scenarios: 1. **EDFA (Erbium-Doped Fiber Amplifiers):** Monitoring input and output power to adjust gain. 2. **Line Monitoring:** Detecting fiber breaks or degradation in long-haul telecommunications. 3. **WDM Systems:** Ensuring channel power balance across Dense Wavelength Division Multiplexing networks.
    ✨ Follow-up Questions
    • ⤷ What is the standard tap ratio for the APOT-114-R model?
    • ⤷ How do you interface this photodiode with a microcontroller?
    • ⤷ What is the maximum optical power handling for this component?