データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APTA-511-R

  • AI
    The **APTA-511-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where a physical user input is required. --- ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics of the APTA-511-R series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Actuation Force** | Usually 160gf to 260gf (Grams-force) | | **Contact Rating** | 50mA @ 12V DC (Typical) | | **Operating Life** | 100,000 to 500,000 cycles | | **Travel Distance** | 0.25mm ± 0.1mm | | **Terminal Finish** | Silver or Gold plating | --- ### 2. Key Electronic Features The "APTA" series often refers to a specific form factor (often **5.2 x 5.2 mm** or similar small footprints). * **Momentary Action:** The circuit is only closed while the button is actively being pressed. Once released, the internal spring mechanism opens the circuit. * **Tactile Feedback:** It provides a distinct "click" sensation (haptic feedback) to the user, confirming the switch has been engaged. * **Low Profile:** Designed for thin PCB assemblies where vertical space is limited. * **Reflow Solder Compatible:** The housing materials are typically made of high-temperature plastic (like LCP) to withstand the heat of automated SMD soldering ovens. --- ### 3. Internal Components and Construction The switch is composed of four primary electronic/mechanical parts: 1. **Cover:** A metal shield that protects the internal dome and provides structural integrity. 2. **Actuator (Stem):** The plastic part the user presses. 3. **Contact Dome:** A stainless steel or phosphor bronze disc that acts as the moving conductor. 4. **Base & Terminals:** The molded plastic body holding the fixed metal contacts that are soldered to the PCB. --- ### 4. Common Applications * **Consumer Electronics:** Power buttons on cameras, volume rockers on tablets. * **Automotive:** Steering wheel controls or dashboard interfaces. * **Industrial:** Reset switches on embedded controller boards.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the APTA-511-R?
    • ⤷ What are the soldering temperature requirements for this SMD component?
    • ⤷ Are there waterproof versions of this tactile switch available?