データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • APTA-634-R

  • AI
    The **APTA-634-R** is a high-performance **Step-Down (Buck) Transformer** specifically designed for printed circuit board (PCB) mounting. It is commonly used in industrial automation, control circuits, and power supply modules where reliable voltage regulation and isolation are required. --- ## 1. Technical Specifications Below are the primary electronic characteristics of the APTA-634-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | AC-AC Step-Down Transformer | | **Input Voltage (Primary)** | 115V / 230V AC (Dual Primary) | | **Output Voltage (Secondary)** | 24V CT (Center Tapped) or 12V | | **Power Rating** | 6.0 VA (Volt-Ampere) | | **Mounting Type** | Through-Hole (PCB) | | **Configuration** | Dual Primary / Dual Secondary | | **Dielectric Strength** | 4000V RMS (Hipot) | --- ## 2. Key Electronic Components & Design The APTA-634-R consists of several critical internal elements that define its performance: ### A. Dual Primary Windings The unit features two primary coils. This allows for global compatibility: * **Series Connection:** Configures the unit for **230V** input. * **Parallel Connection:** Configures the unit for **115V** input. ### B. Split Bobbin Design To meet strict safety standards, it utilizes a **non-concentric split bobbin**. This provides: * **Low Capacitance:** Reduces the coupling of high-frequency noise from the primary to the secondary side. * **High Isolation:** Eliminates the need for an electrostatic shield while maintaining a high dielectric withstand. ### C. Secondary Output Versatility The dual secondary windings allow the electronic designer to choose the output behavior: * **Series:** Provides 24V AC at 0.25A. * **Parallel:** Provides 12V AC at 0.50A. --- ## 3. Applications In an electronic system, the APTA-634-R acts as the "front-end" of the power stage. Typical use cases include: 1. **Linear Power Supplies:** Converting wall outlet AC to low-voltage AC before rectification (DC conversion). 2. **Industrial Controls:** Providing isolated 24V power to sensors and small relays. 3. **Medical Equipment:** Due to its high isolation (4000V), it is suitable for applications requiring patient/operator protection. 4. **Test & Measurement:** Used in sensitive instruments where switching power supply noise must be avoided. --- ## 4. Connection Diagram (Reference) ```text PRIMARY (Input) SECONDARY (Output) [ Pin 1 ] --( 115V )-- [ Pin 2 ] [ Pin 5 ] --( 12V )-- [ Pin 6 ] [ Pin 3 ] --( 115V )-- [ Pin 4 ] [ Pin 7 ] --( 12V )-- [ Pin 8 ] ``` *Note: For 230V, jumper Pin 2 to Pin 3 and apply power to Pins 1 and 4.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum current output when configured for 12V in parallel?
    • ⤷ How does the split bobbin design improve safety compared to standard transformers?
    • ⤷ Can this transformer be used in high-frequency switching power supplies?